Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF55 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

SF55 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # SF55
Download  SF55 Download

File Size   54.22 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SUPER FAST RECTIFIER

SF55 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF55 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # SF55
Download  SF55 Click to download

File Size   54.22 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SUPER FAST RECTIFIER

SF55 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited

SF55 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SF55 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited

SF55 Product details

SUPER FAST RECTIFIER

VOLTAGE RANGE: 50 --- 400 V

CURRENT: 5.0 A



FEATURES

Low cost

Low leakage

Low forward voltage drop

High current capability

Easily cleaned with alcohol,Isopropanol and similar solvents

The plastic material carries U/L recognition 94V-0



 




Similar Part No. - SF55

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF55 MOSPEC-SF55 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
DONGGUAN YOU FENG WEI E...
SF55 YFWDIODE-SF55 Datasheet
163Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
UNIOHM CORPORATION
SF55 UNIOHM-SF55 Datasheet
70Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF55 HY-SF55 Datasheet
413Kb / 3P
   Super Fast Recovery Recitifiers
logo
Micro Commercial Compon...
SF55 MCC-SF55 Datasheet
434Kb / 3P
   5.0 Amp Super Fast Rectifier 50 to 600 Volts
More results


Similar Description - SF55

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com