Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA158 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

BA158 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # BA158
Download  BA158 Download

File Size   66.54 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description FAST RECOVERY RECTIFIER

BA158 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA158 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # BA158
Download  BA158 Click to download

File Size   66.54 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description FAST RECOVERY RECTIFIER

BA158 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited

BA158 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BA158 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited

BA158 Product details

VOLTAGE RANGE: 400 --- 1000 V

CURRENT: 1.0 A



FEATURES

Low cost

Diffused junction

Low leakage

Low forward voltage drop

High current capability

The plastic material carries U/L recognition 94V-0

Easily cleaned with Freon,Alcohol,Isopropanol and similar solvents




Similar Part No. - BA158

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
BA158 DACHANG-BA158 Datasheet
125Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
Pan Jit International I...
BA158 PANJIT-BA158 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Semikron International
BA158 SEMIKRON-BA158 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
logo
Leshan Radio Company
BA158 LRC-BA158 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
Jinan Jingheng (Group) ...
BA158 JINANJINGHENG-BA158 Datasheet
74Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Similar Description - BA158

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com