Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR253 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

FR253 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # FR253
Download  FR253 Download

File Size   60.05 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description FAST RECOVERY RECTIFIER

FR253 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR253 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # FR253
Download  FR253 Click to download

File Size   60.05 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description FAST RECOVERY RECTIFIER

FR253 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited

FR253 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited FR253 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited

FR253 Product details

VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 2.5 A

FEATURES
◇ Low cost
◇ Diffused junction
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Freon,Alcohol,Isopropanol and similar solvents
◇ The plastic material carries U/L recognition 94V-0




Similar Part No. - FR253

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR253 RECTRON-FR253 Datasheet
24Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
Rugao Dachang Electroni...
FR253 DACHANG-FR253 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
DONGGUAN YOU FENG WEI E...
FR253 YFWDIODE-FR253 Datasheet
435Kb / 3P
   Fast Recovery Silicon Rectifiers
logo
EIC discrete Semiconduc...
FR253 EIC-FR253 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Rugao Dachang Electroni...
FR253 DACHANG-FR253 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
More results


Similar Description - FR253

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com