Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8541XS/TR Datasheet (PDF) - SG Micro Corp

SGM8541XS/TR Datasheet PDF - SG Micro Corp
Part # SGM8541XS/TR
Download  SGM8541XS/TR Download

File Size   618.39 Kbytes
Page   14 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier

SGM8541XS/TR Datasheet (PDF)

Go To PDF Page Download Datasheet
SGM8541XS/TR Datasheet PDF - SG Micro Corp

Part # SGM8541XS/TR
Download  SGM8541XS/TR Click to download

File Size   618.39 Kbytes
Page   14 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier

SGM8541XS/TR Datasheet (HTML) - SG Micro Corp

Back Button SGM8541XS/TR Datasheet HTML 1Page - SG Micro Corp SGM8541XS/TR Datasheet HTML 2Page - SG Micro Corp SGM8541XS/TR Datasheet HTML 3Page - SG Micro Corp SGM8541XS/TR Datasheet HTML 4Page - SG Micro Corp SGM8541XS/TR Datasheet HTML 5Page - SG Micro Corp SGM8541XS/TR Datasheet HTML 6Page - SG Micro Corp SGM8541XS/TR Datasheet HTML 7Page - SG Micro Corp SGM8541XS/TR Datasheet HTML 8Page - SG Micro Corp SGM8541XS/TR Datasheet HTML 9Page - SG Micro Corp SGM8541XS/TR Datasheet HTML 10Page - SG Micro Corp Next Button 

SGM8541XS/TR Product details

PRODUCT DESCRIPTION
The SGM8541 (single), SGM8542 (dual) and SGM8544 (quad) are low cost, rail-to-rail input and output voltage feedback amplifiers. They have a wide input common mode voltage range and output voltage swing, and take the minimum operating supply voltage down to 2.1V. The maximum recommended supply voltage is 5.5V. All are specified over the extended -40℃ to +125℃ temperature range.

FEATURES
 • Low Cost
 • Rail-to-Rail Input and Output 0.8mV Typical VOS
 • Unity Gain Stable
 • Gain-Bandwidth Product: 1.1MHz
 • Very Low Input Bias Current: 0.5pA
 • Supply Voltage Range: 2.1V to 5.5V
 • Input Voltage Range: -0.1V to +5.6V with VS = 5.5V
 • Low Supply Current: 46μA/Amplifier
 • Small Packaging
    SGM8541 Available in SOIC-8, SC70-5 and SOT-23-5
    SGM8542 Available in SOIC-8, MSOP-8 and TSSOP-8
    SGM8544 Available in SOIC-14 and TSSOP-14

APPLICATIONS
    ASIC Input or Output Amplifier
    Sensor Interface
    Piezoelectric Transducer Amplifier
    Medical Instrumentation
    Mobile Communication
    Audio Output
    Portable Systems
    Smoke Detectors
    Mobile Telephone
    Notebook PC
    PCMCIA Cards
    Battery-Powered Equipment




Similar Part No. - SGM8541XS/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8541XS/TR SGMICRO-SGM8541XS/TR Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
More results


Similar Description - SGM8541XS/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com