Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8091 Datasheet (PDF) - SG Micro Corp

SGM8091 Datasheet PDF - SG Micro Corp
Part # SGM8091
Download  SGM8091 Download

File Size   686.84 Kbytes
Page   17 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 350MHz, Rail-to-Rail Output CMOS Operational Amplifier

SGM8091 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGM8091 Datasheet PDF - SG Micro Corp

Part # SGM8091
Download  SGM8091 Click to download

File Size   686.84 Kbytes
Page   17 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 350MHz, Rail-to-Rail Output CMOS Operational Amplifier

SGM8091 Datasheet (HTML) - SG Micro Corp

Back Button SGM8091 Datasheet HTML 1Page - SG Micro Corp SGM8091 Datasheet HTML 2Page - SG Micro Corp SGM8091 Datasheet HTML 3Page - SG Micro Corp SGM8091 Datasheet HTML 4Page - SG Micro Corp SGM8091 Datasheet HTML 5Page - SG Micro Corp SGM8091 Datasheet HTML 6Page - SG Micro Corp SGM8091 Datasheet HTML 7Page - SG Micro Corp SGM8091 Datasheet HTML 8Page - SG Micro Corp SGM8091 Datasheet HTML 9Page - SG Micro Corp SGM8091 Datasheet HTML 10Page - SG Micro Corp Next Button 

SGM8091 Product details

PRODUCT DESCRIPTION

The SGM8091/8093(single),SGM8092 (dual), SGM8094 (quad) are rail-to-rail output voltage feedback amplifiers offering ease of use and low cost. They have bandwidth and slew rate typically found in current feedback amplifiers. All have a wide input common-mode voltage range and output voltage swing, making them easy to use on single supplies as low as 2.5 V.

Despite being low cost, the SGM8091 series provide excellent overall performance. They offer wide bandwidth to 350 MHz (G = +1) along with 0.1 dB flatness out to 125 MHz (G = +1) and offer a typical low power of 4.3 mA/amplifier.



FEATURES

• Low Cost

• Rail-to-Rail Output

   2mV Typical VOS

• High Speed

   350 MHz, –3 dB Bandwidth (G = +1)

   265 V/µs, Slew Rate

   32 ns Settling Time to 0.1% with 2V Step

• Operates on 2.5V to 5.5 V Supplies

• Input Voltage Range = – 0.2 V to + 3.8 V with VS = 5 V

• Excellent Video Specs (RL = 150Ω, G = +2)

   Gain Flatness 0.1dB to 70 MHz

   Diff Gain: 0.004 % , Diff Phase: 0.08 degree

• Low Power

   4.3 mA/Amplifier Typical Supply Current

   SGM8093 75µA when Disabled

• Small Packaging

   SGM8091 Available in SO-8 and SOT23-5

   SGM8092 Available in SO-8 and MSOP-8

   SGM8093 Available in SO-8 and SOT23-6

   SGM8094 Available in SO-16 and TSSOP-16

  

APPLICATIONS

  Imaging

  Photodiode Preamp

  Professional Video and Cameras

  Hand Sets

  DVD/CD

  Base Stations

  Filters

  A -to- D Driver



 




Similar Part No. - SGM8091

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
More results


Similar Description - SGM8091

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8091 HMSEMI-HM8091 Datasheet
4Mb / 20P
   350MHZ CMOS Rail-to-Rail Output Opamps
HM8091092N HMSEMI-HM8091092N Datasheet
4Mb / 20P
   350MHZ CMOS Rail-to-Rail Output Opamps
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com