Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM2321-AK Datasheet (PDF) - Mimix Broadband

CMM2321-AK Datasheet PDF - Mimix Broadband
Part # CMM2321-AK
Download  CMM2321-AK Download

File Size   465.98 Kbytes
Page   4 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 2.3 to 2.5 GHz 1 Watt Power Amplifier

CMM2321-AK Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM2321-AK Datasheet PDF - Mimix Broadband

Part # CMM2321-AK
Download  CMM2321-AK Click to download

File Size   465.98 Kbytes
Page   4 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 2.3 to 2.5 GHz 1 Watt Power Amplifier

CMM2321-AK Datasheet (HTML) - Mimix Broadband


CMM2321-AK Product details

General Description
The CMM2321 is a power amplifier intended for use in 2.4 GHz ISM band applications such as wireless datacom equipment, wireless bar code scanners and inter-building campus networks. This flexible amplifier can be biased to support the requirements of frequency hopping or direct sequence systems.

Features
➤ 48% Power Added Efficiency
➤ 31.5 dBm Output Power
➤ Low Distortion
➤ Low Cost SO-8 Surface Mount Package

Applications
➤ Wireless Datacom
➤ Wireless Bar Code Scanners
➤ Inter-Building Campus Networks




Similar Part No. - CMM2321-AK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM2321-AK ETC-CMM2321-AK Datasheet
90Kb / 4P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Mimix Broadband
CMM2321-AK MIMIX-CMM2321-AK Datasheet
279Kb / 5P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
List of Unclassifed Man...
CMM2321-AK-000T ETC-CMM2321-AK-000T Datasheet
90Kb / 4P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Mimix Broadband
CMM2321-AK-000T MIMIX-CMM2321-AK-000T Datasheet
279Kb / 5P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
More results


Similar Description - CMM2321-AK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM2321 ETC-CMM2321 Datasheet
90Kb / 4P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Mimix Broadband
CMM2321 MIMIX-CMM2321 Datasheet
279Kb / 5P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Hittite Microwave Corpo...
HMC755LP4 HITTITE-HMC755LP4_09 Datasheet
318Kb / 8P
   GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
HMC755LP4E HITTITE-HMC755LP4E_10 Datasheet
1Mb / 8P
   GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
logo
Mimix Broadband
CFH2162-P5 MIMIX-CFH2162-P5_09 Datasheet
1Mb / 4P
   2.3 to 2.5 GHz
logo
API Technologies Corp
QB-446 APITECH-QB-446 Datasheet
107Kb / 2P
   2.5 ??3.5 GHz, 1 Watt Amplifier
QB-445 APITECH-QB-445 Datasheet
107Kb / 2P
   2.5 ??3.5 GHz, 1 Watt Amplifier
logo
Microsemi Corporation
LX5514 MICROSEMI-LX5514 Datasheet
92Kb / 2P
   InGaP HBT 2.3 - 2.5 GHz Power Amplifier
LX5511 MICROSEMI-LX5511 Datasheet
130Kb / 2P
   InGaP HBT 2.3 - 2.5 GHz Power Amplifier
logo
Analog Devices
ADL5321ARKZ AD-ADL5321ARKZ Datasheet
570Kb / 16P
   2.3 GHz to 4.0 GHz 쩌 Watt RF Driver Amplifier
REV. C
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com