Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIK2576S-ADJ Datasheet (PDF) - Estek Electronics Co. Ltd

MIK2576S-ADJ Datasheet PDF - Estek Electronics Co. Ltd
Part # MIK2576S-ADJ
Download  MIK2576S-ADJ Download

File Size   200.5 Kbytes
Page   8 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description Simple high-efficiency step-down (buck) regulator

MIK2576S-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
MIK2576S-ADJ Datasheet PDF - Estek Electronics Co. Ltd

Part # MIK2576S-ADJ
Download  MIK2576S-ADJ Click to download

File Size   200.5 Kbytes
Page   8 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description Simple high-efficiency step-down (buck) regulator

MIK2576S-ADJ Datasheet (HTML) - Estek Electronics Co. Ltd

MIK2576S-ADJ Datasheet HTML 1Page - Estek Electronics Co. Ltd MIK2576S-ADJ Datasheet HTML 2Page - Estek Electronics Co. Ltd MIK2576S-ADJ Datasheet HTML 3Page - Estek Electronics Co. Ltd MIK2576S-ADJ Datasheet HTML 4Page - Estek Electronics Co. Ltd MIK2576S-ADJ Datasheet HTML 5Page - Estek Electronics Co. Ltd MIK2576S-ADJ Datasheet HTML 6Page - Estek Electronics Co. Ltd MIK2576S-ADJ Datasheet HTML 7Page - Estek Electronics Co. Ltd MIK2576S-ADJ Datasheet HTML 8Page - Estek Electronics Co. Ltd

MIK2576S-ADJ Product details

Description
The MIK2576 series of regulators are monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving 3A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V, 5V, 12V, 15V, and an adjustable output versions.
   
Features
• 3.3V, 5V, 12V, 15V, and adjustable output versions
• Adjustable version output voltage range
• 1.23V to 37V (57V for HV version) ±4% max over line
    and load conditions
• Guaranteed 3A output current
• Wide input voltage range, 40V up to 60V for HV
    version
• Requires only 4 external components
• 52 kHz fixed frequency oscillator
• TTL shutdown capability, low power standby mode
• High efficiency
• Uses readily available standard inductors
• Thermal shutdown and current limit protection
   
Applications
• Simple high-efficiency step-down (buck) regulator
• Efficient pre-regulator for linear regulators
• On-card switching regulators
• Positive to negative converter (Buck-Boost)
   




Similar Part No. - MIK2576S-ADJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
   Video Decoder
More results


Similar Description - MIK2576S-ADJ

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
   Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com