Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDC1016 Datasheet (PDF) - Fairchild Semiconductor

TDC1016 Datasheet PDF - Fairchild Semiconductor
Part # TDC1016
Download  TDC1016 Download

File Size   77.83 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Video Speed D/A Converter 10-Bit, 20 Msps

TDC1016 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDC1016 Datasheet PDF - Fairchild Semiconductor

Part # TDC1016
Download  TDC1016 Click to download

File Size   77.83 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Video Speed D/A Converter 10-Bit, 20 Msps

TDC1016 Datasheet (HTML) - Fairchild Semiconductor

Back Button TDC1016 Datasheet HTML 1Page - Fairchild Semiconductor TDC1016 Datasheet HTML 2Page - Fairchild Semiconductor TDC1016 Datasheet HTML 3Page - Fairchild Semiconductor TDC1016 Datasheet HTML 4Page - Fairchild Semiconductor TDC1016 Datasheet HTML 5Page - Fairchild Semiconductor TDC1016 Datasheet HTML 6Page - Fairchild Semiconductor TDC1016 Datasheet HTML 7Page - Fairchild Semiconductor TDC1016 Datasheet HTML 8Page - Fairchild Semiconductor TDC1016 Datasheet HTML 9Page - Fairchild Semiconductor TDC1016 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

TDC1016 Product details

Description
The TDC1016 is a bipolar monolithic digital-to-analog converter which can convert digital data into an analog voltage at rates up to 20 Msps (Megasamples Per Second). The device includes an input data register and operates without an external deglitcher or amplifier.

Features
• 20 Msps conversion rate
• 8, 9, or 10-bit linearity
• Voltage output, no amplifier required
• Single supply operation (-5.2V, ECL compatible)
• Dual supply operation (±5.0V, TTL compatible)
• Internal 10-bit latched data register
• Low glitch energy
• Disabling controls, forcing full-scale, zero, and inverting input data
• Binary or two’s complement input data formats
• Differential gain = 1.5%, differential phase = 1.0°

Applications
• Construction of video signals from digital data 3x or 4x NTSC or PAL color subcarrier frequency
• CRT graphics displays, RGB, Raster, Vector
• Waveform synthesis




Similar Part No. - TDC1016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011 TI-TDC1011 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011PW TI-TDC1011PW Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
More results


Similar Description - TDC1016

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
HI1172 INTERSIL-HI1172 Datasheet
60Kb / 7P
   6-Bit, 20 MSPS,Video A/D Converter (CMOS)
August 1997
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Intersil Corporation
HI5735 INTERSIL-HI5735 Datasheet
136Kb / 12P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
January 1998
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com