Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0820-N Datasheet (PDF) - Texas Instruments

ADC0820-N Datasheet PDF - Texas Instruments
Part # ADC0820-N
Download  ADC0820-N Download
File Size   1233.22 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC0820-N 8-Bit High Speed μP Compatible A/D Converter with Track/Hold Function

ADC0820-N Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC0820-N Datasheet PDF - Texas Instruments

Part # ADC0820-N
Download  ADC0820-N Click to download

File Size   1233.22 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC0820-N 8-Bit High Speed μP Compatible A/D Converter with Track/Hold Function

ADC0820-N Datasheet (HTML) - Texas Instruments


ADC0820-N Product details

1FEATURES
2• Built-In Track-and-Hold Function
• No Missing Codes
• No External Clocking
• Single Supply—5 VDC
• Easy Interface to All Microprocessors, or
Operates Stand-Alone
• Latched TRI-STATE Output
• Logic Inputs and Outputs Meet Both MOS and
T2L Voltage Level Specifications
• Operates Ratiometrically or with any
Reference Value Equal to or Less than V CC
• 0V to 5V Analog Input Voltage Range with
Single 5V Supply
• No Zero or Full-Scale Adjust Required
• Overflow Output Available for Cascading
• 0.3 in. Standard Width 20-Pin PDIP
• 20-Pin PLCC
• 20-Pin SOIC

KEY SPECIFICATIONS
• Resolution: 8 Bits
• Conversion Time
– 2.5 μs Max (RD Mode)
– 1.5 μs Max (WR-RD Mode)
• Low Power: 75 mW Max
• Total Unadjusted Error: ±½ LSB and ± 1 LSB

DESCRIPTION
By using a half-flash conversion technique, the 8-bit
ADC0820-N CMOS A/D offers a 1.5 μs conversion
time and dissipates only 75 mW of power. The half-
flash technique consists of 32 comparators, a most
significant 4-bit ADC and a least significant 4-bit
ADC.
The input to the ADC0820-N is tracked and held by
the input sampling circuitry eliminating the need for
an external sample-and-hold for signals moving at
less than 100 mV/μs.
For ease of interface to microprocessors, the
ADC0820-N has been designed to appear as a
memory location or I/O port without the need for
external interfacing logic.




Similar Part No. - ADC0820-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N Datasheet
604Kb / 25P
ADC0820 8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
ADC0820-N TI1-ADC0820-N Datasheet
1Mb / 29P
8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results


Similar Description - ADC0820-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0820 NSC-ADC0820 Datasheet
472Kb / 22P
8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Analog Devices
AD7820 AD-AD7820 Datasheet
609Kb / 12P
LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
AD7821 AD-AD7821 Datasheet
249Kb / 12P
LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N Datasheet
604Kb / 25P
ADC0820 8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
Analog Devices
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
Analog Devices
AD7821 AD-AD7821_15 Datasheet
816Kb / 16P
LC MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com