Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH20D10NP-3R9M Datasheet (PDF) - Sumida Corporation

CDH20D10NP-3R9M Datasheet PDF - Sumida Corporation
Part # CDH20D10NP-3R9M
Download  CDH20D10NP-3R9M Download

File Size   178.48 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Power Inductors

CDH20D10NP-3R9M Datasheet (PDF)

Go To PDF Page Download Datasheet
CDH20D10NP-3R9M Datasheet PDF - Sumida Corporation

Part # CDH20D10NP-3R9M
Download  CDH20D10NP-3R9M Click to download

File Size   178.48 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Power Inductors

CDH20D10NP-3R9M Datasheet (HTML) - Sumida Corporation

CDH20D10NP-3R9M Datasheet HTML 1Page - Sumida Corporation CDH20D10NP-3R9M Datasheet HTML 2Page - Sumida Corporation

CDH20D10NP-3R9M Product details

◆ Product Description
 • 2.2× 2.2 mm Max.(L× W),1.1mm Max. Height.
 • Inductance range: 0.50~5.6μ H
 • Rated current range:0.49~1.65A
 • In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.

◆ Feature
 • Magnetically unshielded construction.
 • Ideally used in Mobile phone,PDA,MP3,DSC/DVC,Portable DVD etc as DC-DC Converter inductors.
 • RoHS Compliance.




Similar Part No. - CDH20D10NP-3R9M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH20D10NP-3R9MC SUMIDA-CDH20D10NP-3R9MC Datasheet
434Kb / 4P
   Small size inductor 2.2mm Max square and 1.1mm Max height
More results


Similar Description - CDH20D10NP-3R9M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com