Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W02M Datasheet (PDF) - DAESAN ELECTRONIC CORP.

W02M Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # W02M
Download  W02M Download

File Size   206.54 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts

W02M Datasheet (PDF)

Go To PDF Page Download Datasheet
W02M Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # W02M
Download  W02M Click to download

File Size   206.54 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts

W02M Datasheet (HTML) - DAESAN ELECTRONIC CORP.

W02M Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. W02M Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.

W02M Product details

Features
• Glass Passivated Die Construction
• Diffused Junction
• Low Forward Voltage Drop, High Current Capability
• Surge Overload Rating to 50A Peak
• Ideal for Printed Circuit Boards
• Case to Terminal Isolation Voltage 1500V
• Plastic Material - UL Flammability Classification Rating 94V-0



Similar Part No. - W02M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
W02M MCC-W02M Datasheet
310Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
logo
Won-Top Electronics
W02M WTE-W02M Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
W02M WTE-W02M Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
W02M CHENG-YI-W02M Datasheet
121Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Yea Shin Technology Co....
W02M YEASHIN-W02M Datasheet
365Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results


Similar Description - W02M

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151G DAESAN-RL151G Datasheet
316Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151 DAESAN-RL151 Datasheet
309Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER15X DAESAN-HER15X Datasheet
285Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR151G DAESAN-FR151G Datasheet
315Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
KB151 DAESAN-KB151 Datasheet
225Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
1N53 DAESAN-1N53 Datasheet
316Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
PACELEADER INDUSTRIAL
FR151 PACELEADER-FR151 Datasheet
609Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
logo
WILLAS ELECTRONIC CORP
RB15 WILLAS-RB15 Datasheet
275Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com