Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6366 Datasheet (PDF) - List of Unclassifed Manufacturers

AU6366 Datasheet PDF - List of Unclassifed Manufacturers
Part # AU6366
Download  AU6366 Download

File Size   533.89 Kbytes
Page   20 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description USB2.0 Single LUN Multiple Flash Card Reader Controller

AU6366 Datasheet (PDF)

Go To PDF Page Download Datasheet
AU6366 Datasheet PDF - List of Unclassifed Manufacturers

Part # AU6366
Download  AU6366 Click to download

File Size   533.89 Kbytes
Page   20 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description USB2.0 Single LUN Multiple Flash Card Reader Controller

AU6366 Datasheet (HTML) - List of Unclassifed Manufacturers


AU6366 Product details

[Alcor Micro, Corp.]



Description

The AU6366 is a single chip integrated USB 2.0 multimedia card reader controller that enables PC/DVD/Printer to read/write various type of flash media cards. Flash media cards such as CF, SMC, XD, SD, MMC, Memory Stick are widely used in digital camera, cell phone, PDA and MP3 player to store digital photos and compressed music.

Performance of AU6366 is maximized by implementing the latest and fastest card specification available form the industry. The AU6366 is designed in shared pin architecture to meet cost and space regulate for Notebook end reunite.



Features

  Support USB V2.0 specification and USB Device Class Definition for Mass Storage, Bulk-Transport V1.0

  Support CF/MD/SD/MMC/MS/MS_Pro/MS_Duo/xD/SMC compatible flash card

  Support the latest flash card specification: CF 3.0 (16-bit IDE mode), SD1.1 (HS-SD), MMC4.0 (8-bit), MSPro parallel mode (4-bit), xD 1.2

  Hardware DMA engine integrated for performance enhancement

  Work with default driver from Windows ME/2000/XP and Mac OS X; Windows 98/2000(SP1/SP2) and Mac OS 9 are supported by vendor driver from Alcor.

  Ping-pong FIFO implementation for concurrent bus operation

  Support multiple sectors transfer optimize performance

  Support slot-to-slot read/write operation

  Support Dynamic Icon Utility

  Support LED for bus operating indication

  Power switch integrated to reduce production BOM cost

  30MHz 8051 CPU

  Built in 3.3V to 2.5V regulator

  Run at 12MHz crystal

  Available in 48-pin LQFP package



 




Similar Part No. - AU6366

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6367 ETC2-AU6367 Datasheet
424Kb / 20P
   USB2.0 SD/MMC Flash Card Reader with UFD Controller
AU6368 ETC2-AU6368 Datasheet
498Kb / 20P
   USB2.0 Multiple Slots Flash Memory Card Reader
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
   USB 2.0 Single-Slot Flash Memory Card Reader
More results


Similar Description - AU6366

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
   USB2.0 Multi-LUN Flash Card Reader
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
AU6331 ETC2-AU6331 Datasheet
683Kb / 23P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com