Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBI5025 Datasheet (PDF) - List of Unclassifed Manufacturers

MBI5025 Datasheet PDF - List of Unclassifed Manufacturers
Part # MBI5025
Download  MBI5025 Download

File Size   277.27 Kbytes
Page   13 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 16-bit Constant Current LED Sink Driver

MBI5025 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBI5025 Datasheet PDF - List of Unclassifed Manufacturers

Part # MBI5025
Download  MBI5025 Click to download

File Size   277.27 Kbytes
Page   13 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 16-bit Constant Current LED Sink Driver

MBI5025 Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button MBI5025 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

MBI5025 Product details

[Macroblock, Inc.]

Product Description
MBI5025  is  designed  for  LED  displays.  As  an  enhancement  of  its  predecessor,  MBI5016,
MBI5025  exploits  PrecisionDrive™  technology  to  enhance  its  output  characteristics. MBI5025 contains  a  serial  buffer  and  data  latches  which  convert  serial  input  data  into  parallel  output format.  At  MBI5025  output  stage,  sixteen  regulated  current  ports  are  designed  to  provide uniform and constant current sinks for driving LEDs within a large range ofVf variations.

Features
• 16 constant-current output channels
• Constant output current invariant to load voltage change:
   Constant output current range: 3-50 mA
• Excellent output current accuracy:
   between channels: ±3% (max.), and
   between ICs: ±6% (max.)
• Output current adjusted through an external resistor
• Fast response of output current, OE (min.): 400 ns
• 25MHz clock frequency
• Schmitt trigger input
• 3.3V / 5V supply voltage




Similar Part No. - MBI5025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
MBI5025GP ETC1-MBI5025GP Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
More results


Similar Description - MBI5025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
July 2005
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
   16-Bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com