Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2757GR Datasheet (PDF) - NEC

UPA2757GR Datasheet PDF - NEC
Part # UPA2757GR
Download  UPA2757GR Download

File Size   180.28 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET

UPA2757GR Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA2757GR Datasheet PDF - NEC

Part # UPA2757GR
Download  UPA2757GR Click to download

File Size   180.28 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET

UPA2757GR Datasheet (HTML) - NEC

UPA2757GR Datasheet HTML 1Page - NEC UPA2757GR Datasheet HTML 2Page - NEC UPA2757GR Datasheet HTML 3Page - NEC UPA2757GR Datasheet HTML 4Page - NEC UPA2757GR Datasheet HTML 5Page - NEC UPA2757GR Datasheet HTML 6Page - NEC UPA2757GR Datasheet HTML 7Page - NEC UPA2757GR Datasheet HTML 8Page - NEC

UPA2757GR Product details

DESCRIPTION
The μ PA2757GR is Dual N-channel MOS Field Effect Transistors designed for switching application.

FEATURES
• Low on-state resistance
   RDS(on)1 = 36.0 mΩ MAX. (VGS = 10 V, ID = 3.0 A)
   RDS(on)2 = 50.0 mΩ MAX. (VGS = 4.5 V, ID = 3.0 A)
• Low gate charge
   QG = 10 nC TYP. (VGS = 10 V)
• Built-in G-S protection diode
• Small and surface mount package (Power SOP8)




Similar Part No. - UPA2757GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2757GR RENESAS-UPA2757GR Datasheet
371Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2007
UPA2757GR-E1-AT RENESAS-UPA2757GR-E1-AT Datasheet
371Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2007
UPA2757GR-E2-AT RENESAS-UPA2757GR-E2-AT Datasheet
371Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2007
More results


Similar Description - UPA2757GR

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE NEC-NP80N055EHE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG NEC-NP109N04PUG Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE NEC-NP84N055EHE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP86N04EHE NEC-NP86N04EHE Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com