Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7A25T Datasheet (PDF) - Advanced Micro Devices

XC7A25T Datasheet PDF - Advanced Micro Devices
Part # XC7A25T
Download  XC7A25T Download
File Size   2032.41 Kbytes
Page   63 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description Artix-7 FPGAs Data Sheet: DC and AC Switching Characteristics

XC7A25T Datasheet (PDF)

Go To PDF Page Download Datasheet
XC7A25T Datasheet PDF - Advanced Micro Devices

Part # XC7A25T
Download  XC7A25T Click to download

File Size   2032.41 Kbytes
Page   63 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description Artix-7 FPGAs Data Sheet: DC and AC Switching Characteristics

XC7A25T Datasheet (HTML) - Advanced Micro Devices


XC7A25T Product details

ntroduction
Artix®-7 FPGAs are available in -3, -2, -1, -1LI, and -2L
speed grades, with -3 having the highest performance. The
Artix-7 FPGAs predominantly operate at a 1.0V core voltage.
The -1LI and -2L devices are screened for lower maximum
static power and can operate at lower core voltages for
lower dynamic power than the -1 and -2 devices,
respectively. The -1LI devices operate only at
VCCINT = VCCBRAM = 0.95V and have the same speed
specifications as the -1 speed grade. The -2L devices can
operate at either of two VCCINT voltages, 0.9V and 1.0V and
are screened for lower maximum static power. When
operated at VCCINT = 1.0V, the speed specification of a -2L
device is the same as the -2 speed grade. When operated at
VCCINT = 0.9V, the -2L static and dynamic power is reduced.
Artix-7 FPGA DC and AC characteristics are specified in
commercial, extended, industrial, expanded (-1Q), and
military (-1M) temperature ranges. Except the operating
temperature range or unless otherwise noted, all the DC
and AC electrical parameters are the same for a particular
speed grade (that is, the timing characteristics of a -1M
speed grade military device are the same as for a -1C speed
grade commercial device). However, only selected speed
grades and/or devices are available in each temperature
range. For example, -1M is only available in the
defense-grade Artix-7Q family and -1Q is only available in
XA Artix-7 FPGAs.
All supply voltage and junction temperature specifications
are representative of worst-case conditions. The parameters
included are common to popular designs and typical
applications.
Available device and package combinations can be found in:
• 7 Series FPGAs Overview (DS180)
• Defense-Grade 7 Series FPGAs Overview (DS185)
• XA Artix-7 FPGAs Overview (DS197)
This Artix-7 FPGA data sheet, part of an overall set of
documentation on the 7 series FPGAs, is available on the
Xilinx website at www.xilinx.com/documentation.




Similar Part No. - XC7A25T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XC7A15T-1CPG236C ETC-XC7A15T-1CPG236C Datasheet
639Kb / 10P
Cmod A7 Reference Manual
June 24, 2016
XC7A35T-1CPG236C ETC-XC7A35T-1CPG236C Datasheet
639Kb / 10P
Cmod A7 Reference Manual
June 24, 2016
More results


Similar Description - XC7A25T

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS892 XILINX-DS892 Datasheet
1Mb / 79P
DC and AC Switching Characteristics
DS893 XILINX-DS893 Datasheet
1Mb / 77P
DC and AC Switching Characteristics
DS922 XILINX-DS922 Datasheet
1Mb / 77P
DC and AC Switching Characteristics
DS923 XILINX-DS923 Datasheet
974Kb / 56P
DC and AC Switching Characteristics
DS925 XILINX-DS925 Datasheet
1Mb / 109P
DC and AC Switching Characteristics
DS181 XILINX-DS181 Datasheet
1Mb / 62P
DC and AC Switching Characteristics
DS182 XILINX-DS182 Datasheet
2Mb / 69P
DC and AC Switching Characteristics
DS183 XILINX-DS183 Datasheet
2Mb / 78P
DC and AC Switching Characteristics
DS189 XILINX-DS189 Datasheet
703Kb / 50P
DC and AC Switching Characteristics
DS191 XILINX-DS191 Datasheet
2Mb / 85P
DC and AC Switching Characteristics
7SERIES XILINX-7SERIES Datasheet
519Kb / 19P
7 Series FPGAs Data Sheet: Overview
September 8, 2020
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com