Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62388AFG Datasheet (PDF) - Toshiba Semiconductor

TD62388AFG Datasheet PDF - Toshiba Semiconductor
Part # TD62388AFG
Download  TD62388AFG Download

File Size   608.83 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8 Ch Low Input Active Darlington Sink Driver

TD62388AFG Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62388AFG Datasheet PDF - Toshiba Semiconductor

Part # TD62388AFG
Download  TD62388AFG Click to download

File Size   608.83 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8 Ch Low Input Active Darlington Sink Driver

TD62388AFG Datasheet (HTML) - Toshiba Semiconductor

Back Button TD62388AFG Datasheet HTML 1Page - Toshiba Semiconductor TD62388AFG Datasheet HTML 2Page - Toshiba Semiconductor TD62388AFG Datasheet HTML 3Page - Toshiba Semiconductor TD62388AFG Datasheet HTML 4Page - Toshiba Semiconductor TD62388AFG Datasheet HTML 5Page - Toshiba Semiconductor TD62388AFG Datasheet HTML 6Page - Toshiba Semiconductor TD62388AFG Datasheet HTML 7Page - Toshiba Semiconductor TD62388AFG Datasheet HTML 8Page - Toshiba Semiconductor TD62388AFG Datasheet HTML 9Page - Toshiba Semiconductor TD62388AFG Datasheet HTML 10Page - Toshiba Semiconductor Next Button 

TD62388AFG Product details

The TD62386APG, TD62386AFG, TD62387APG, TD62387AFG and TD62388APG, TD62388AFG are non−inverting transistor arrays, which are comprised of eight NPN darlington output stages and PNP input stages.

All units feature integral clamp diodes for switching inductive loads. These devices are Low Level input active drivers and are suitable for operations with TTL, 5 V CMOS and 5 V Microprocessor which have sink current output drivers. Applications include relay, hammer, lamp and LED driver.



Features

• Output current (single output) 500 mA (Max)

• High sustaining voltage 50 V (Min)

• Output clamp diodes

• Low level active input

• Standard supply voltage

• Inputs compatible with TTL and 5 V CMOS

• Package type−APG: DIP−20 pin

• Package type−AFG: SOP−20 pin




Similar Part No. - TD62388AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62388AF TOSHIBA-TD62388AF Datasheet
328Kb / 8P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62388AFN TOSHIBA-TD62388AFN Datasheet
259Kb / 7P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62388AFNG TOSHIBA-TD62388AFNG Datasheet
490Kb / 10P
   8 Ch Low Input Active Darlington Sink Driver
More results


Similar Description - TD62388AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62387AFNG TOSHIBA-TD62387AFNG Datasheet
490Kb / 10P
   8 Ch Low Input Active Darlington Sink Driver
TD62382AFN TOSHIBA-TD62382AFN Datasheet
206Kb / 5P
   8 LOW INPUT ACTIVE DARLINGTON SINK DRIVER
AD62384AP TOSHIBA-AD62384AP Datasheet
266Kb / 7P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
AD62386AP TOSHIBA-AD62386AP Datasheet
328Kb / 8P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304AFN TOSHIBA-TD62304AFN Datasheet
228Kb / 6P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304FB TOSHIBA-TD62304FB Datasheet
230Kb / 6P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62387AFN TOSHIBA-TD62387AFN Datasheet
259Kb / 7P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304AFNG TOSHIBA-TD62304AFNG Datasheet
343Kb / 9P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
2006-06-13
logo
Cystech Electonics Corp...
CH-D3815PB CYSTEKEC-CH-D3815PB Datasheet
176Kb / 6P
   8-CH Darlington Sink Driver
logo
Toshiba Semiconductor
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com