Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

13794-06 Datasheet (PDF) - Azumo, Inc.

13794-06 Datasheet PDF - Azumo, Inc.
Part # 13794-06
Download  13794-06 Download
File Size   392.31 Kbytes
Page   1 Pages
Manufacturer  AZUMO [Azumo, Inc.]
Direct Link  https://www.azumotech.com/
Logo AZUMO - Azumo, Inc.
Description 2.7” Reflective LCD 2.0TM

13794-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
13794-06 Datasheet PDF - Azumo, Inc.

Part # 13794-06
Download  13794-06 Click to download

File Size   392.31 Kbytes
Page   1 Pages
Manufacturer  AZUMO [Azumo, Inc.]
Direct Link  https://www.azumotech.com/
Logo AZUMO - Azumo, Inc.
Description 2.7” Reflective LCD 2.0TM

13794-06 Datasheet (HTML) - Azumo, Inc.


13794-06 Product details

Monochrome Memory LCD Display Module with White Front Light

Overview
Azumo's next generation OB (Optical Bonding) front light maintains all of the benefits of LCD 2.0 technology with the added benefit of cover lens and touch film compatibility. LCD 2.0 can be used seamlessly in any lighting condition: from dark spaces to bright, direct sunlight. Sharp's reflective, MIP LCD technology enables Azumo's patented lightguide technology to deliver high quality images with ultra-low power consumption, extending the battery life of your device. The active matrix MIP LCD integrated with a highly efficient front light offers a superior user experience for a variety of applications where outdated, static HMI no longer suffices.




Similar Part No. - 13794-06

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
13794 FESTO-13794 Datasheet
82Kb / 1P
Finger lever valve
logo
raaco Great Britain Ltd
137942 RAACO-137942 Datasheet
8Mb / 148P
raaco Assortment Boxes
logo
Festo Corporation.
1379454 FESTO-1379454 Datasheet
84Kb / 1P
Vacuum suction cup
6/9/22
More results


Similar Description - 13794-06

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX704AKM SONY-ACX704AKM Datasheet
242Kb / 32P
9.60cm (3.78 Type) QVGA Reflective Color LCD Module
ACX705AKM SONY-ACX705AKM Datasheet
143Kb / 20P
6.92cm Diagonal Reflective Color LCD Module
ACX709AKM SONY-ACX709AKM Datasheet
256Kb / 29P
7.60cm Reflective Color LCD Module
ACX709AKN SONY-ACX709AKN Datasheet
207Kb / 29P
7.60cm Reflective Color LCD Module
logo
Azumo, Inc.
12376-01_T1 AZUMO-12376-01_T1 Datasheet
417Kb / 1P
Reflective LCD Front Light Dev Kit
LS013B7DH03 AZUMO-LS013B7DH03 Datasheet
204Kb / 1P
1.28” Reflective B&W LCD 2.0TM
05/26/2023
LS013B7DH05 AZUMO-LS013B7DH05 Datasheet
202Kb / 1P
1.26” Reflective B&W LCD 2.0TM
05/24/2023
LS021B7DD02 AZUMO-LS021B7DD02 Datasheet
298Kb / 1P
2.13” Reflective LCD 2.0TM
05/10/2023
LS027B7DH01 AZUMO-LS027B7DH01 Datasheet
736Kb / 1P
2.7” Reflective LCD 2.0TM
12/20/2023
LS044Q7DH01 AZUMO-LS044Q7DH01 Datasheet
32Mb / 1P
4.4” Reflective B&W LCD 2.0TM
07/27/2023
LSO18B7DHO2 AZUMO-LSO18B7DHO2 Datasheet
208Kb / 1P
1.8” Reflective LCD 2.0TM
11/09/2023
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com