Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12655-06 Datasheet (PDF) - Azumo, Inc.

12655-06 Datasheet PDF - Azumo, Inc.
Part # 12655-06
Download  12655-06 Download
File Size   33962.28 Kbytes
Page   1 Pages
Manufacturer  AZUMO [Azumo, Inc.]
Direct Link  https://www.azumotech.com/
Logo AZUMO - Azumo, Inc.
Description 2.7” Reflective LCD 2.0TM

12655-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
12655-06 Datasheet PDF - Azumo, Inc.

Part # 12655-06
Download  12655-06 Click to download

File Size   33962.28 Kbytes
Page   1 Pages
Manufacturer  AZUMO [Azumo, Inc.]
Direct Link  https://www.azumotech.com/
Logo AZUMO - Azumo, Inc.
Description 2.7” Reflective LCD 2.0TM

12655-06 Datasheet (HTML) - Azumo, Inc.


12655-06 Product details

Display module with NVG Secure front light

Overview
This 2.7" monochrome display module uses reflective LCD 2.0 technology and is specifically designed for military applications where Night Vision Goggle (NVG) security is critical. The MIP LCD enables ultra low-power consumption, extending the battery life of your device. The integrated front light uses a single LED enabling low SWaP required devices to offer a superior user experience for a variety of military and defense applications. This display has been tested and proves to be capable of meeting the following standards: US Army CECOM NVG Secure Lighting SOW and MIL-STD-3009 Section 3.2.2 .




Similar Part No. - 12655-06

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
12655 HUBBELL-12655 Datasheet
362Kb / 1P
Anchor, Extension, SS5, X 3.5ft
logo
Heyco.
12655 HEYCO-12655 Datasheet
90Kb / 1P
Blunt Rivets
12655 HEYCO-12655 Datasheet
90Kb / 1P
Blunt Rivets
logo
Hubbell Incorporated.
12655J HUBBELL-12655J Datasheet
363Kb / 1P
Anchor, Extension, SS5, 12 X 3.5ft
More results


Similar Description - 12655-06

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX704AKM SONY-ACX704AKM Datasheet
242Kb / 32P
9.60cm (3.78 Type) QVGA Reflective Color LCD Module
ACX705AKM SONY-ACX705AKM Datasheet
143Kb / 20P
6.92cm Diagonal Reflective Color LCD Module
ACX709AKM SONY-ACX709AKM Datasheet
256Kb / 29P
7.60cm Reflective Color LCD Module
ACX709AKN SONY-ACX709AKN Datasheet
207Kb / 29P
7.60cm Reflective Color LCD Module
logo
Azumo, Inc.
12376-01_T1 AZUMO-12376-01_T1 Datasheet
417Kb / 1P
Reflective LCD Front Light Dev Kit
LS013B7DH03 AZUMO-LS013B7DH03 Datasheet
204Kb / 1P
1.28” Reflective B&W LCD 2.0TM
05/26/2023
LS013B7DH05 AZUMO-LS013B7DH05 Datasheet
202Kb / 1P
1.26” Reflective B&W LCD 2.0TM
05/24/2023
LS021B7DD02 AZUMO-LS021B7DD02 Datasheet
298Kb / 1P
2.13” Reflective LCD 2.0TM
05/10/2023
LS027B7DH01 AZUMO-LS027B7DH01 Datasheet
736Kb / 1P
2.7” Reflective LCD 2.0TM
12/20/2023
LS044Q7DH01 AZUMO-LS044Q7DH01 Datasheet
32Mb / 1P
4.4” Reflective B&W LCD 2.0TM
07/27/2023
LSO18B7DHO2 AZUMO-LSO18B7DHO2 Datasheet
208Kb / 1P
1.8” Reflective LCD 2.0TM
11/09/2023
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com