Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP86C820FG Datasheet (PDF) - Toshiba Semiconductor

TMP86C820FG Datasheet PDF - Toshiba Semiconductor
Part # TMP86C820FG
Download  TMP86C820FG Download

File Size   1480.49 Kbytes
Page   160 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8 Bit Microcontroller

TMP86C820FG Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP86C820FG Datasheet PDF - Toshiba Semiconductor

Part # TMP86C820FG
Download  TMP86C820FG Click to download

File Size   1480.49 Kbytes
Page   160 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8 Bit Microcontroller

TMP86C820FG Datasheet (HTML) - Toshiba Semiconductor

Back Button TMP86C820FG Datasheet HTML 1Page - Toshiba Semiconductor TMP86C820FG Datasheet HTML 2Page - Toshiba Semiconductor TMP86C820FG Datasheet HTML 3Page - Toshiba Semiconductor TMP86C820FG Datasheet HTML 4Page - Toshiba Semiconductor TMP86C820FG Datasheet HTML 5Page - Toshiba Semiconductor TMP86C820FG Datasheet HTML 6Page - Toshiba Semiconductor TMP86C820FG Datasheet HTML 7Page - Toshiba Semiconductor TMP86C820FG Datasheet HTML 8Page - Toshiba Semiconductor TMP86C820FG Datasheet HTML 9Page - Toshiba Semiconductor TMP86C820FG Datasheet HTML 10Page - Toshiba Semiconductor Next Button 

TMP86C820FG Product details

Features

1. 8-bit single chip microcomputer TLCS-870/C series

   - Instruction execution time :

      0.25 µs (at 16 MHz)

      122 µs (at 32.768 kHz)

   - 132 types & 731 basic instructions

2. 15interrupt sources (External : 5 Internal : 10)

3. Input / Output ports (39 pins)

   Large current output: 4pins (Typ. 20mA), LED direct drive

4. Prescaler

   - Time base timer

   - Divider output function

5. Watchdog Timer

6. 18-bit Timer/Counter : 1ch

   - Timer Mode

   - Event Counter Mode

   - Pulse Width Measurement Mode

   - Frequency Measurement Mode

7. 8-bit timer counter : 2 ch

   - Timer, Event counter, Programmable divider output (PDO), Pulse width modulation (PWM) output, Programmable pulse generation (PPG) modes

8. 8-bit SIO: 1 ch

9. 8-bit successive approximation type AD converter (with sample hold) Analog inputs: 8ch

10. Key-on wakeup : 4 ch

11. LCD driver/controller

   Built-in voltage booster for LCD driver With display memory

   LCD direct drive capability (MAX 32 seg × 4 com)

   1/4,1/3,1/2duties or static drive are programmably selectable

12. Clock operation

   Single clock mode

   Dual clock mode

13. Low power consumption operation

   STOP mode: Oscillation stops. (Battery/Capacitor back-up.)

   SLOW1 mode: Low power consumption operation using low-frequency clock.(High-frequency clock stop.)

   SLOW2 mode: Low power consumption operation using low-frequency clock.(High-frequency clock oscillate.)

   IDLE0 mode: CPU stops, and only the Time-Based-Timer(TBT) on peripherals operate using high frequency clock. Release by falling edge of the source clock which is set by TBTCR.

   IDLE1 mode: CPU stops and peripherals operate using high frequency clock. Release by interruputs(CPU restarts).

   IDLE2 mode: CPU stops and peripherals operate using high and low frequency clock. Release by interruputs. (CPU restarts).

   SLEEP0 mode: CPU stops, and only the Time-Based-Timer(TBT) on peripherals operate using low frequency clock.Release by falling edge of the source clock which is set by TBTCR.

   SLEEP1 mode: CPU stops, and peripherals operate using low frequency clock. Release by interruput.(CPU restarts).

   SLEEP2 mode: CPU stops and peripherals operate using high and low frequency clock. Release by interruput.

14. Wide operation voltage:

   4.5 V to 5.5 V at 16MHz /32.768 kHz

   2.7 V to 5.5 V at 8 MHz /32.768 kHz

   1.8 V to 5.5 V at 4.2MHz /32.768 kHz



 




Similar Part No. - TMP86C820FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP86C820F TOSHIBA-TMP86C820F Datasheet
592Kb / 12P
   High-speed, High-performance and low power consumption 8-bit microcomuter including ROM,RAM,LCD driver, multi function timer
More results


Similar Description - TMP86C820FG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com