Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2601 Datasheet (PDF) - Toshiba Semiconductor

2SK2601 Datasheet PDF - Toshiba Semiconductor
Part # 2SK2601
Download  2SK2601 Download

File Size   707.8 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications

2SK2601 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2601 Datasheet PDF - Toshiba Semiconductor

Part # 2SK2601
Download  2SK2601 Click to download

File Size   707.8 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications

2SK2601 Datasheet (HTML) - Toshiba Semiconductor

2SK2601 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2601 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2601 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2601 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2601 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2601 Datasheet HTML 6Page - Toshiba Semiconductor

2SK2601 Product details

DC−DC Converter, Relay Drive and Motor Drive Applications



Low drain−source ON-resistance : RDS (ON) = 0.56 Ω (typ.)

High forward transfer admittance : |Yfs| = 7.0 S (typ.)

Low leakage current : IDSS = 100 μA (max) (VDS = 500 V)

Enhancement mode : Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK2601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2601 TOSHIBA-2SK2601 Datasheet
288Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2601 TOSHIBA-2SK2601 Datasheet
425Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2601 TOSHIBA-2SK2601 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2601 ISC-2SK2601 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2601 TOSHIBA-2SK2601_10 Datasheet
425Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Similar Description - 2SK2601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2968 TOSHIBA-2SK2968_06 Datasheet
693Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2545 TOSHIBA-2SK2545_06 Datasheet
713Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_06 Datasheet
714Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK3754 TOSHIBA-2SK3754 Datasheet
145Kb / 3P
   Silicon N Channel MOS Type Relay Drive, DC−DC Converter and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606_06 Datasheet
151Kb / 3P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2698 TOSHIBA-2SK2698_06 Datasheet
709Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2549 TOSHIBA-2SK2549_06 Datasheet
677Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2991 TOSHIBA-2SK2991_06 Datasheet
767Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter Relay Drive and Motor Drive Applications
2SK2611 TOSHIBA-2SK2611_06 Datasheet
701Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2615 TOSHIBA-2SK2615_06 Datasheet
648Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com