![]() |
Electronic Components Datasheet Search |
|
BFQ19 Datasheet (PDF) - NXP Semiconductors |
BFQ19 Datasheet (HTML) - NXP Semiconductors |
BFQ19 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | BFQ19 |
Download | BFQ19 Click to view |
File Size | 225.9 Kbytes |
Page | 7 Pages |
Maker | NXP [NXP Semiconductors] |
Homepage | http://www.nxp.com |
Logo | |
Description | NPN 5 GHz wideband transistor |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
BFG310 | NPN 14 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFG520 | NPN 9 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFG540 | NPN 9 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFQ18A | NPN 4 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFG25A | NPN 5 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFG325 | NPN 14 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFG10 | NPN 2 GHz RF power transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFG67 | NPN 8 GHz wideband transistors | 1 2 3 4 5 More | NXP Semiconductors |
BFG93A | NPN 6 GHz wideband transistors | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |