![]() |
Electronic Components Datasheet Search |
|
74AHC08 Datasheet (PDF) - NXP Semiconductors |
74AHC08 Datasheet (HTML) - NXP Semiconductors |
74AHC08 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | 74AHC08 |
Download | 74AHC08 Click to view |
File Size | 84.2 Kbytes |
Page | 14 Pages |
Maker | NXP [NXP Semiconductors] |
Homepage | http://www.nxp.com |
Logo | |
Description | Quad 2-input AND gate |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
SL74LV08 | Quad 2-Input AND Gate | 1 2 3 4 | System Logic Semiconductor |
KK74VHC08 | Quad 2-Input AND Gate | 1 2 3 4 5 More | KODENSHI KOREA CORP. |
TC74HC08AP | QUAD 2-INPUT AND GATE | 1 2 3 4 5 More | Toshiba Semiconductor |
KK74HC08A | Quad 2-Input AND Gate | 1 2 3 4 5 | KODENSHI KOREA CORP. |
KK74HCT08A | Quad 2-Input AND Gate High-Performance Silicon-Gate CMOS | 1 2 3 4 5 | KODENSHI KOREA CORP. |
MC74LCX08_05 | Low-Voltage CMOS Quad 2-Input AND Gate With 5 V−Tolerant Inputs | 1 2 3 4 5 More | ON Semiconductor |
MC10104_02 | Quad 2-Input AND Gate | 1 2 3 4 5 More | ON Semiconductor |
KK74VHCT08 | Quad 2-Input AND Gate | 1 2 3 4 5 More | KODENSHI KOREA CORP. |
KK4081B | Quad 2-Input AND Gate High-Voltage Silicon-Gate CMOS | 1 2 3 4 5 | KODENSHI KOREA CORP. |
74ALVC32_05 | Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs | 1 2 3 4 5 | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |