Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPA-2300 Datasheet (PDF) - SOVICO corp.

DPA-2300 Datasheet PDF - SOVICO corp.
Part # DPA-2300
Download  DPA-2300 Download
File Size   1043.17 Kbytes
Page   1 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description DUAL CHANNEL POWER AMPLIFIER

DPA-2300 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPA-2300 Datasheet PDF - SOVICO corp.

Part # DPA-2300
Download  DPA-2300 Click to download

File Size   1043.17 Kbytes
Page   1 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description DUAL CHANNEL POWER AMPLIFIER

DPA-2300 Datasheet (HTML) - SOVICO corp.


DPA-2300 Product details

• 2 Channel 240W Dual Power Amplier
• High impedance 100V OUTPUT (Bridged Mono : 480W)
-Bridged Mono implementation using two Matching Transformer at output stage and 50V tab terminal(480W/20.5)
• SMPS POWER and DIGITAL AMP mounted
• Available for both AC 230V 50Hz and DC 24V
• PARALLEL, Stereo,Bridged mono mode can be selected




Similar Part No. - DPA-2300

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
DPA-2150A SOVICO-DPA-2150A Datasheet
731Kb / 1P
Dual Channel Power Amplifier
2021.01
logo
ITT Industries
DPA-24C2-33P ITT-DPA-24C2-33P Datasheet
127Kb / 4P
Miniature Rack and Panel
DPA-24C2-33S ITT-DPA-24C2-33S Datasheet
127Kb / 4P
Miniature Rack and Panel
DPA-24C2-34P ITT-DPA-24C2-34P Datasheet
127Kb / 4P
Miniature Rack and Panel
DPA-24C2-34S ITT-DPA-24C2-34S Datasheet
127Kb / 4P
Miniature Rack and Panel
More results


Similar Description - DPA-2300

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD2073 YOUDA-YD2073 Datasheet
136Kb / 5P
DUAL CHANNEL POWER AMPLIFIER
YD2822 YOUDA-YD2822 Datasheet
138Kb / 5P
DUAL CHANNEL POWER AMPLIFIER
YD2822A YOUDA-YD2822A Datasheet
135Kb / 5P
DUAL CHANNEL POWER AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HM4809 HMSEMI-HM4809 Datasheet
626Kb / 7P
dual channel audio power amplifier
logo
Panasonic Semiconductor
AN5277 PANASONIC-AN5277 Datasheet
59Kb / 6P
Dual Channel SEPP Power Amplifier
logo
Unisonic Technologies
PC1316 UTC-PC1316_15 Datasheet
213Kb / 4P
DUAL CHANNEL AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7125 PANASONIC-AN7125 Datasheet
61Kb / 6P
Dual Channel BTL Power Amplifier
logo
American Microsemicondu...
TDA1516Q AMMSEMI-TDA1516Q Datasheet
11Kb / 1P
Dual-Channel Audio Power/Output Amplifier
logo
Wuxi Youda electronics ...
YD1316 YOUDA-YD1316 Datasheet
66Kb / 3P
2W DUAL CHANNEL AUDIO POWER AMPLIFIER
logo
TriQuint Semiconductor
TGA6316 TRIQUINT-TGA6316 Datasheet
760Kb / 10P
6 - 17 GHz Dual-Channel Power Amplifier
logo
Tiger Electronic Co.,Lt...
TDA2822 TGS-TDA2822 Datasheet
520Kb / 7P
DUAL POWER AMPLIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com