Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5918B Datasheet (PDF) - First Components International

1N5918B Datasheet PDF - First Components International
Part # 1N5918B
Download  1N5918B Download

File Size   113.52 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1.5 Watt ZENER DIODES(3.3V to 200V)

1N5918B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5918B Datasheet PDF - First Components International

Part # 1N5918B
Download  1N5918B Click to download

File Size   113.52 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1.5 Watt ZENER DIODES(3.3V to 200V)

1N5918B Datasheet (HTML) - First Components International

1N5918B Datasheet HTML 1Page - First Components International 1N5918B Datasheet HTML 2Page - First Components International

1N5918B Product details

Features
■ 5 & 10% VOLTAGE TOLERANCES AVAILABLE
■ WIDE VOLTAGE RANGE
■ MEETS UL SPECIFICATION 94V-0




Similar Part No. - 1N5918B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5918B JGD-1N5918B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
SUNMATE electronic Co.,...
1N5918B SUNMATE-1N5918B Datasheet
346Kb / 2P
   1.5 Watts Axial Leaded Zener Diodes
logo
Microsemi Corporation
1N5918B MICROSEMI-1N5918B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
Inchange Semiconductor ...
1N5918B ISC-1N5918B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
Central Semiconductor C...
1N5918B CENTRAL-1N5918B Datasheet
53Kb / 1P
   ZENER DIODES
More results


Similar Description - 1N5918B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BZY47C3V3 FCI-BZY47C3V3 Datasheet
81Kb / 2P
   ZENER DIODES (3.3V to 200V)
BZY47C3V3 FCI-BZY47C3V3_1 Datasheet
163Kb / 2P
   2 Watt ZENER DIODES (3.3V to 200V) PRO ELECTRON REGISTRATION
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
1N6485 CDI-DIODE-1N6485 Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
First Components Intern...
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com