Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJSD03TS Datasheet (PDF) - Pan Jit International Inc.

PJSD03TS Datasheet PDF - Pan Jit International Inc.
Part # PJSD03TS
Download  PJSD03TS Download

File Size   53.91 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS

PJSD03TS Datasheet (PDF)

Go To PDF Page Download Datasheet
PJSD03TS Datasheet PDF - Pan Jit International Inc.

Part # PJSD03TS
Download  PJSD03TS Click to download

File Size   53.91 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS

PJSD03TS Datasheet (HTML) - Pan Jit International Inc.

PJSD03TS Datasheet HTML 1Page - Pan Jit International Inc. PJSD03TS Datasheet HTML 2Page - Pan Jit International Inc. PJSD03TS Datasheet HTML 3Page - Pan Jit International Inc.

PJSD03TS Product details

VOLTAGE 3~36 Volt POWER 120 Watt

FEATURES
• 120 Watts peak pules power( tp=8/20μs)
• Small package for use in portable electronics
• Suitable replacement for MLV’S in ESD protection applications
• Low clamping voltage and leakage current
• Lead free in compliance with EU RoHS 2011/65/EU directive

APPLICATIONS
• Case: SOD-523 plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
• Approx Weight: 0.00005 ounces, 0.0014 grams
• Marking : PJSD03TS : KD
   PJSD05TS : KE
   PJSD07TS : KF
   PJSD08TS : KR
   PJSD12TS : LE
   PJSD15TS : LM
   PJSD24TS : LZ
   PJSD36TS : MP




Similar Part No. - PJSD03TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD03TS PANJIT-PJSD03TS Datasheet
101Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TS-AU PANJIT-PJSD03TS-AU Datasheet
188Kb / 6P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
PJSD03TS-AU_R1_000A1 PANJIT-PJSD03TS-AU_R1_000A1 Datasheet
188Kb / 6P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
PJSD03TS-AU_R2_000A1 PANJIT-PJSD03TS-AU_R2_000A1 Datasheet
188Kb / 6P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
PJSD03TS PANJIT-PJSD03TS_10 Datasheet
101Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results


Similar Description - PJSD03TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05TS PANJIT-PJSD05TS Datasheet
45Kb / 3P
   120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
PJSD05 PANJIT-PJSD05 Datasheet
63Kb / 3P
   350W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG28CUS23 KEC-PG28CUS23 Datasheet
408Kb / 3P
   Low Voltage EPD TVS Diode for ESD Protection in Portable Electronics
PG05DBTFC KEC-PG05DBTFC Datasheet
31Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05FBESC KEC-PG05FBESC Datasheet
394Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05TAVSM KEC-PG05TAVSM Datasheet
55Kb / 3P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC_07 Datasheet
437Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05DBVSC KEC-PG05DBVSC Datasheet
31Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05BAUSM KEC-PG05BAUSM_08 Datasheet
90Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBTFC KEC-PG03DBTFC_07 Datasheet
437Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com