Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZ3.9 Datasheet (PDF) - Pan Jit International Inc.

GLZ3.9 Datasheet PDF - Pan Jit International Inc.
Part # GLZ3.9
Download  GLZ3.9 Download

File Size   111.29 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT ZENER DIODES

GLZ3.9 Datasheet (PDF)

Go To PDF Page Download Datasheet
GLZ3.9 Datasheet PDF - Pan Jit International Inc.

Part # GLZ3.9
Download  GLZ3.9 Click to download

File Size   111.29 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT ZENER DIODES

GLZ3.9 Datasheet (HTML) - Pan Jit International Inc.

GLZ3.9 Datasheet HTML 1Page - Pan Jit International Inc. GLZ3.9 Datasheet HTML 2Page - Pan Jit International Inc. GLZ3.9 Datasheet HTML 3Page - Pan Jit International Inc. GLZ3.9 Datasheet HTML 4Page - Pan Jit International Inc.

GLZ3.9 Product details

FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• Both normal and Pb free product are available :
    Normal : 80~95% Sn, 5~20% Pb
    Pb free: 98.5% Sn above




Similar Part No. - GLZ3.9

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
GLZ3.9 DIOTECH-GLZ3.9 Datasheet
1Mb / 4P
   500mW SUFACE MOUNT ZENER DIODE
logo
EIC discrete Semiconduc...
GLZ3.9A EIC-GLZ3.9A Datasheet
44Kb / 3P
   ZENER DIODES
logo
Pan Jit International I...
GLZ3.9A PANJIT-GLZ3.9A Datasheet
106Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
GLZ3.9A FRONTIER-GLZ3.9A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
GLZ3.9A-LFR FRONTIER-GLZ3.9A-LFR Datasheet
123Kb / 4P
   500mW MINI MELF ZENER DIODE
More results


Similar Description - GLZ3.9

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com