Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27C43P Datasheet (PDF) - Pan Jit International Inc.

BZD27C43P Datasheet PDF - Pan Jit International Inc.
Part # BZD27C43P
Download  BZD27C43P Download

File Size   66.45 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 800mW ZENER DIODES IN SOD123FL PACKAGE

BZD27C43P Datasheet (PDF)

Go To PDF Page Download Datasheet
BZD27C43P Datasheet PDF - Pan Jit International Inc.

Part # BZD27C43P
Download  BZD27C43P Click to download

File Size   66.45 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 800mW ZENER DIODES IN SOD123FL PACKAGE

BZD27C43P Datasheet (HTML) - Pan Jit International Inc.

BZD27C43P Datasheet HTML 1Page - Pan Jit International Inc. BZD27C43P Datasheet HTML 2Page - Pan Jit International Inc.

BZD27C43P Product details

This Voltage Regulator Diode Series have been designed to operate at a maximum steady power dissipation of 800mW. This device comes in the new industry standard SOD123 Flat Lead (SOD123FL) package making it suitable for Portable/Computing Electronics, where the board space is a premium. This package also is compatible with the SOD87 package pad layout dimensions.
   
SPECIFICATION FEATURES
● Steady Power Dissipation of 800mW
● Very Low Leakage Current
● Low Zener Impedance
● SOD123 Flat Lead Package
   
APPLICATIONS
● Personal Digital Assistant (PDA)
● Digital Cameras
● Portable Instrumentation
● Mobile Phones and Accessories
● Desktops, Laptops
● MP3 Players
   




Similar Part No. - BZD27C43P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C43P VAISH-BZD27C43P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
SUNMATE electronic Co.,...
BZD27C43P SUNMATE-BZD27C43P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
BZD27C43P TSC-BZD27C43P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
BZD27C43P TSC-BZD27C43P Datasheet
204Kb / 6P
   1W, 6.8V - 220V Voltage Regulator Diodes
BZD27C43P TSC-BZD27C43P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results


Similar Description - BZD27C43P

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BZD27C3V6P SUNMATE-BZD27C3V6P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4 Datasheet
112Kb / 2P
   500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES
logo
Jiangsu High diode Semi...
US1AL-28F HDSEMI-US1AL-28F Datasheet
1Mb / 4P
   SOD123FL Plastic-Encapsulate Diodes
logo
Nexperia B.V. All right...
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
logo
NXP Semiconductors
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
logo
NXP Semiconductors
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com