Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4731A-G Datasheet (PDF) - Pan Jit International Inc.

1N4731A-G Datasheet PDF - Pan Jit International Inc.
Part # 1N4731A-G
Download  1N4731A-G Download

File Size   399.35 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SILICON ZENER DIODE

1N4731A-G Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4731A-G Datasheet PDF - Pan Jit International Inc.

Part # 1N4731A-G
Download  1N4731A-G Click to download

File Size   399.35 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SILICON ZENER DIODE

1N4731A-G Datasheet (HTML) - Pan Jit International Inc.

1N4731A-G Datasheet HTML 1Page - Pan Jit International Inc. 1N4731A-G Datasheet HTML 2Page - Pan Jit International Inc. 1N4731A-G Datasheet HTML 3Page - Pan Jit International Inc. 1N4731A-G Datasheet HTML 4Page - Pan Jit International Inc. 1N4731A-G Datasheet HTML 5Page - Pan Jit International Inc.

1N4731A-G Product details

VOLTAGE 3.3 to 100 Volts POWER 1.0 Watts

FEATURES
• Low profile package
• Built-in strain relief
• Low inductance
• High temperature soldering : 260°C /10 seconds at terminals
• Glass package has Underwriters Laboratory Flammability
   Classification
• Pb free product are available : 99% Sn above can meet RoHS
   environment substance diective request

MECHANICAL DATA
• Case: Molded Glass DO-41G
• Terminals: Axial leads, solderable per MIL-STD-750,
   Method 2026 guaranteed
• Polarity: Color band denotes positive end
• Mounting position:Any
• Weight: 0.012 ounce, 0.336 gram




Similar Part No. - 1N4731A-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4731A-G PANJIT-1N4731A-G Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
Comchip Technology
1N4731A-G COMCHIP-1N4731A-G Datasheet
125Kb / 6P
   Glass passivated chip.
More results


Similar Description - 1N4731A-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
1N4833 NJSEMI-1N4833 Datasheet
76Kb / 1P
   SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
1N4954 EIC-1N4954 Datasheet
131Kb / 2P
   SILICON ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
M/A-COM Technology Solu...
1N957BUR-1 MA-COM-1N957BUR-1 Datasheet
709Kb / 5P
   Silicon Zener Diode Series
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com