Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25B40-75VI Datasheet (PDF) - Eon Silicon Solution Inc.

EN25B40-75VI Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25B40-75VI
Download  EN25B40-75VI Download

File Size   462.18 Kbytes
Page   36 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 4 Mbit Serial Flash Memory with Boot and Parameter Sectors

EN25B40-75VI Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25B40-75VI Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25B40-75VI
Download  EN25B40-75VI Click to download

File Size   462.18 Kbytes
Page   36 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 4 Mbit Serial Flash Memory with Boot and Parameter Sectors

EN25B40-75VI Datasheet (HTML) - Eon Silicon Solution Inc.

Back Button EN25B40-75VI Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25B40-75VI Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25B40-75VI Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25B40-75VI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25B40-75VI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B40-75VI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B40-75VI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B40-75VI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B40-75VI Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25B40-75VI Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button 

EN25B40-75VI Product details

GENERAL DESCRIPTION

The EN25B40 is a 4M-bit (512K-byte) Serial Flash memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.



FEATURES

• Single power supply operation

- Full voltage range: 2.7-3.6 volt

• 4 M-bit Serial Flash

- 4 M-bit/512 K-byte/2048 pages

- 256 bytes per programmable page

•High performance

- 75MHz clock rate

• Low power consumption

- 5 mA typical active current

- 1 μA typical power down current

• Flexible Sector Architecture:

- Two 4-Kbyte, one 8-Kbyte, one 16-Kbyte,one

32-Kbyte, and seven 64-Kbyte sectors

• Software and Hardware Write Protection:

- Write Protect all or portion of memory via software

- Enable/Disable protection with WP# pin

• High performance program/erase speed

- Byte program time: 7µs typical

- Page program time: 1.5ms typical

- Sector erase time: 300 to 800ms typical

- Chip erase time: 5 Seconds typical

• Minimum 100K endurance cycle

•Package Options

- 8 pins SOP 150mil body width

- 8 pins SOP 200mil body width

- 8 contact VDFN

- 8 pins PDIP

- All Pb-free packages are RoHS compliant

•Commercial and industrial temperature Range




Similar Part No. - EN25B40-75VI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GC EON-EN25B05-50GC Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GCP EON-EN25B05-50GCP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GI EON-EN25B05-50GI Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GIP EON-EN25B05-50GIP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
More results


Similar Description - EN25B40-75VI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B16 EON-EN25B16 Datasheet
459Kb / 36P
   16 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B20 EON-EN25B20 Datasheet
397Kb / 32P
   2 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B80 EON-EN25B80 Datasheet
452Kb / 33P
   8 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10 EON-EN25B10 Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B32 EON-EN25B32 Datasheet
479Kb / 38P
   32 Mbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40AVSNIG-TR WINBOND-W25B40AVSNIG-TR Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40 WINBOND-W25B40 Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
logo
SPANSION
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
   4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com