Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7147ACPZ-REEL Datasheet (PDF) - Analog Devices

AD7147ACPZ-REEL Datasheet PDF - Analog Devices
Part # AD7147ACPZ-REEL
Download  AD7147ACPZ-REEL Download
File Size   1404.07 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors

AD7147ACPZ-REEL Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7147ACPZ-REEL Datasheet PDF - Analog Devices

Part # AD7147ACPZ-REEL
Download  AD7147ACPZ-REEL Click to download

File Size   1404.07 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors

AD7147ACPZ-REEL Datasheet (HTML) - Analog Devices


AD7147ACPZ-REEL Product details

GENERAL DESCRIPTION
The AD7147 CapTouch™ controller is designed for use with capacitance sensors implementing functions such as buttons, scroll bars, and wheels. The sensors need only one PCB layer, enabling ultrathin applications.

FEATURES
   Programmable capacitance-to-digital converter (CDC)
      Femtofarad resolution
      13 capacitance sensor inputs
      9 ms update rate, all 13 sensor inputs
      No external RC components required
      Automatic conversion sequencer
   On-chip automatic calibration logic
      Automatic compensation for environmental changes
      Automatic adaptive threshold and sensitivity levels
   Register map is compatible with the AD7142
   On-chip RAM to store calibration data
   SPI-compatible (serial-peripheral-interface-compatible)
      serial interface (AD7147)
   I2C-compatible serial interface (AD7147-1)
   Separate VDRIVE level for serial interface
   Interrupt output and general-purpose input/output (GPIO)
   24-lead, 4 mm × 4 mm LFCSP
   2.6 V to 3.3 V supply voltage
   Low operating current
      Full power mode: 1 mA
      Low power mode: 21.5 μA
   Qualified for automotive applications
  
APPLICATIONS
   Cell phones
   Personal music and multimedia players
   Smart handheld devices
   Television, A/V, and remote controls
   Gaming consoles
   Digital still cameras




Similar Part No. - AD7147ACPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7147ACPZ-REEL AD-AD7147ACPZ-REEL Datasheet
1Mb / 71P
CapTouch Programmable Controller
More results


Similar Description - AD7147ACPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7148 AD-AD7148 Datasheet
1Mb / 56P
Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
Programmable Controller for Capacitance Touch Sensors
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
CapTouch Programmable Controller
AD7147A AD-AD7147A Datasheet
699Kb / 69P
CapTouch Programmable Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com