![]() |
Electronic Components Datasheet Search |
|
RKC4013.5 Datasheet (PDF) - Belden Inc. |
RKC4013.5 Datasheet (PDF) |
![]() |
Download Datasheet |
Part # | RKC4013.5 |
Download | RKC4013.5 Click to download |
File Size | 538.82 Kbytes |
Page | 2 Pages |
Manufacturer | BELDEN [Belden Inc.] |
Direct Link | https://www.belden.com/ |
Logo | |
Description | 7/8" Power Field Attachable Connector: Female, straight, 4-pin, black housing, 230 V AC/DC, 9 A |
RKC4013.5 Datasheet (HTML) - Belden Inc. |
RKC4013.5 Product details |
|
Similar Part No. - RKC4013.5 |
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |