Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPF-7001 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPF-7001 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPF-7001
Download  ACPF-7001 Download
File Size   377.46 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Rejection Tx Filter for US PCS Band

ACPF-7001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPF-7001 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPF-7001
Download  ACPF-7001 Click to download

File Size   377.46 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Rejection Tx Filter for US PCS Band

ACPF-7001 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPF-7001 Product details

Description
This product is a high rejection full band transmit filter designed for US PCS handsets. Its performance rivals splitband surface acoustic wave (SAW) transmit filters. Since the rejection is provided by a single filter, no switches are required, saving board space and external components, eliminating switch loss, and reducing programming complexity.

Features
• High rejection from a single filter with no switches required
• Passband: 1850 –1910 MHz 33 dB min Attenuation, 1930 – 1990 MHz 3.5 dB max Insertion Loss
• Space saving solution
    Small footprint: 3 x 3-mm solution
    Low profile package:
        1.0 mm high (typ)
        1.15 mm (max)

Applications
• US PCS band handsets
• Wireless data terminals




Similar Part No. - ACPF-7001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACPF-7001 HP-ACPF-7001 Datasheet
644Kb / 7P
High Rejection Tx Filter for US PCS Band
ACPF-7001-BLK HP-ACPF-7001-BLK Datasheet
644Kb / 7P
High Rejection Tx Filter for US PCS Band
ACPF-7001-TR1 HP-ACPF-7001-TR1 Datasheet
644Kb / 7P
High Rejection Tx Filter for US PCS Band
More results


Similar Description - ACPF-7001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACPF-7002 HP-ACPF-7002 Datasheet
316Kb / 8P
High Rejection Tx Filter for US PCS Band
ACPF-7001 HP-ACPF-7001 Datasheet
644Kb / 7P
High Rejection Tx Filter for US PCS Band
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7003 AVAGO-ACPF-7003 Datasheet
579Kb / 8P
High Rx and Image Rejection Tx Filter for US PCS Band
logo
Infineon Technologies A...
NWT190 INFINEON-NWT190 Datasheet
139Kb / 7P
CDMA TX Full Band BAW-filter for US PCS
V2.2 26.Nov.2003
logo
OKI electronic componet...
MBF9402B OKI-MBF9402B Datasheet
37Kb / 5P
SAW Band Pass Filter for US-PCS
logo
Transko Electronics, In...
TA1880AM TRANSKO-TA1880AM Datasheet
403Kb / 4P
US-PCS, RF-Tx SAW Filter
Revision 0:
logo
Oscilent Corporation
802-RF1880.0M-A OSCILENT-802-RF1880.0M-A Datasheet
379Kb / 3P
US-PCS, RF-Tx SAW Filter
logo
TEMEX
TMXW348 TEMEX-TMXW348 Datasheet
306Kb / 5P
SAW Bandpass Filter - US PCS Tx - RF
logo
Agilent(Hewlett-Packard...
HPMD-7905 HP-HPMD-7905 Datasheet
113Kb / 8P
FBAR Duplexer for US PCS Band
HPMD-7904 HP-HPMD-7904 Datasheet
110Kb / 8P
FBAR Duplexer for US PCS Band
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com