Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3602-008 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSDL-3602-008 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSDL-3602-008
Download  HSDL-3602-008 Download

File Size   424.27 Kbytes
Page   27 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver

HSDL-3602-008 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3602-008 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3602-008
Download  HSDL-3602-008 Click to download

File Size   424.27 Kbytes
Page   27 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver

HSDL-3602-008 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HSDL-3602-008 Product details

Description
The HSDL-3602 is a low profile infrared transceiver module that provides interface between logic and IR signals for through-air, serial, half-duplex IR data link. The module is compliant to IrDA Data Physical Layer Specifications 1.4 and IEC825-Class 1 Eye Safety Standard.

Features
• Fully compliant to IrDA 1.1 specifications:
    — 9.6 kb/s to 4 Mb/s operation
    — Excellent nose-to-nose operation
• Typical link distance > 1.5 m
• IEC825-Class 1 eye safe
• Wide operating voltage range — 2.7 V to 3.6 V
• Small module size — 4.0 x 12.2 x 4.9 mm (H x W x D)
• Complete shutdown — TXD, RXD, PIN diode
• Low shutdown current — 10 nA typical
• Adjustable optical power management — Adjustable LED drive-current to maintain link integrity
• Single Rx data output — FIR select pin switch to FIR
• Integrated EMI shield — Excellent noise immunity
• Edge detection input — Prevents the LED from long turn-on time
• Interface to various super I/O and controller devices
• Designed to accommodate light loss with cosmetic window
• Only 2 external components are required
• Lead free package

Applications
• Digital imaging
    — Digital still cameras
    — Photo-imaging printers
• Data communication
    — Notebook computers
    — Desktop PCs
    — Win CE handheld products
    — Personal Digital Assistants (PDAs)
    — Printers
    — Fax machines, photocopiers
    — Screen projectors
    — Auto PCs
    — Dongles
    — Set-top box
• Telecommunication products
    — Cellular phones
    — Pagers
• Small industrial and medical instrumentation
    — General data collection devices
    — Patient and pharmaceutical data collection devices
• IR LANs




Similar Part No. - HSDL-3602-008

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3602-008 LITEON-HSDL-3602-008 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results


Similar Description - HSDL-3602-008

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3602 HP-HSDL3602 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com