Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3603 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSDL-3603 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSDL-3603
Download  HSDL-3603 Download
File Size   211.93 Kbytes
Page   29 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver

HSDL-3603 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3603 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3603
Download  HSDL-3603 Click to download

File Size   211.93 Kbytes
Page   29 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver

HSDL-3603 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HSDL-3603 Product details

Description
The HSDL-3603 is a low profile infrared transceiver module that provides interface between logic and IR signals for through-air, serial, half-duplex IR data-link. The module is fully compliant to IrDA Date Physical Layer Specifications v1.4 and IEC825-Class I Eye Safe.

Features
• Fully compliant to IrDA 1.4 Fast Infrared (FIR) from 9.6 kbit/s to 4 Mbit/s
• Typical link distance > 1.5 m
• Miniature package
    – Height: 3.90 mm (3.75 mm without shield)
    – Width: 9.80 mm (9.3 mm without shield)
    – Depth: 4.65 mm (4.4 mm without shield)
• Guaranteed temperature performance, -25 to 70°C
    – Critical parameters are guaranteed over temperature and supply voltage
• Low power consumption
    – Low shutdown current (10 nA typical)
    – Complete shutdown of TXD, RXD, and PIN diode
• Withstands >100 mVp-p power supply ripple typically
• VCC supply 2.7 to 5.25 volts
• Integrated optional EMI shield
• LED stuck-high protection
• Designed to accommodate light loss with cosmetic windows
• IEC 825-Class 1 eye safe
• Interface to various super I/O and controller devices

Applications
• Digital imaging
    – Digital still cameras
    – Photo-imaging printers
• Data communication
    – Notebook computers
    – Desktop PCs
    – WinCE handheld products
    – Personal Digital Assistants
    – Printers
    – Auto PCs
    – Dongles
    – Set-top box
• Digital imaging
    – Digital cameras
    – Photo-imaging printers
• Telecommunication products
    – Mobile phones
    – Pagers
• Electronic wallet
• Small industrial and medical instrumentation
    – General data collection devices
    – Patient and pharmaceutical data collection devices
• IR LANs




Similar Part No. - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-007 HP-HSDL-3603-007 Datasheet
342Kb / 24P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
More results


Similar Description - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com