Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3600 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSDL-3600 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSDL-3600
Download  HSDL-3600 Download
File Size   1637.8 Kbytes
Page   34 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver

HSDL-3600 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3600 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3600
Download  HSDL-3600 Click to download

File Size   1637.8 Kbytes
Page   34 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver

HSDL-3600 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED




Similar Part No. - HSDL-3600

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
More results


Similar Description - HSDL-3600

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3602 HP-HSDL3602 Datasheet
374Kb / 25P
Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com