Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-AD61 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HLMP-AD61 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HLMP-AD61
Download  HLMP-AD61 Download

File Size   204.96 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs

HLMP-AD61 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-AD61 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AD61
Download  HLMP-AD61 Click to download

File Size   204.96 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs

HLMP-AD61 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AD61 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD61 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD61 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD61 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD61 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD61 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD61 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD61 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD61 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD61 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HLMP-AD61 Product details

Description
These Precision Optical Performance Oval LEDs are specifically designed for full color/video and passenger information signs. The oval shaped radiation pattern and high luminous intensity ensure that these devices are excellent for wide field of view outdoor applications where a wide viewing angle and readability in sunlight are essential. These lamps have very smooth, matched radiation patterns ensuring consistent color mixing in full color applications, message uniformity across the viewing angle of the sign. High efficiency LED material is used in these lamps: Aluminum Indium Gallium Phosphide (AlInGaP II) for red and Indium Gallium Nitride for blue and green. Each lamp is made with an advanced optical grade epoxy offering superior high temperature and high moisture resistance in outdoor applications

Features
• Well defined spatial radiation pattern
• High brightness material
• Available in red, green and blue color.
   Red AlInGaP 630mm
   Green InGaN 525nm
   Blue InGaN 470nm
• Superior resistance to moisture
• Standoff package

Applications
• Full color signs
• Commercial outdoor advertising.




Similar Part No. - HLMP-AD61

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-AD01-L0R00 HP-HLMP-AD01-L0R00 Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AD01-L0RDD HP-HLMP-AD01-L0RDD Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AD01-L0RYY HP-HLMP-AD01-L0RYY Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AD01-L0T00 HP-HLMP-AD01-L0T00 Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AD01-L0TDD HP-HLMP-AD01-L0TDD Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
More results


Similar Description - HLMP-AD61

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com