Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6741 Datasheet (PDF) - Fairchild Semiconductor

SG6741 Datasheet PDF - Fairchild Semiconductor
Part # SG6741
Download  SG6741 Download

File Size   619.09 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Highly-Integrated Green-Mode PWM Controller

SG6741 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG6741 Datasheet PDF - Fairchild Semiconductor

Part # SG6741
Download  SG6741 Click to download

File Size   619.09 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Highly-Integrated Green-Mode PWM Controller

SG6741 Datasheet (HTML) - Fairchild Semiconductor

Back Button SG6741 Datasheet HTML 1Page - Fairchild Semiconductor SG6741 Datasheet HTML 2Page - Fairchild Semiconductor SG6741 Datasheet HTML 3Page - Fairchild Semiconductor SG6741 Datasheet HTML 4Page - Fairchild Semiconductor SG6741 Datasheet HTML 5Page - Fairchild Semiconductor SG6741 Datasheet HTML 6Page - Fairchild Semiconductor SG6741 Datasheet HTML 7Page - Fairchild Semiconductor SG6741 Datasheet HTML 8Page - Fairchild Semiconductor SG6741 Datasheet HTML 9Page - Fairchild Semiconductor SG6741 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

SG6741 Product details

Description

The highly integrated SG6741 PWM controller provides several features to enhance the performance of flyback

converters.

The highly integrated SG6741 series of PWM controllers provides several features to enhance the performance of flyback converters.



Features

ƒ  High-Voltage Startup

ƒ  Low Operating Current: 4mA

ƒ  Linearly Decreasing PWM Frequency to 22kHz

ƒ  Frequency Hopping to Reduce EMI Emission

ƒ  Peak-Current-Mode Control

ƒ  Cycle-by-Cycle Current Limiting

ƒ  Leading-Edge Blanking

ƒ  Synchronized Slope Compensation

ƒ  Gate Output Maximum Voltage Clamp: 18V

ƒ  VDDOver-Voltage Protection (Auto Restart)

ƒ  VDDUnder-Voltage Lockout (UVLO)

ƒ  Internal Open-Loop Protection

ƒ  Constant Power Limit (Full AC Input Range)



Applications

General-purpose switch-mode power supplies and flyback power converters, including:

ƒ  Power Adapters

ƒ  Open-Frame SMPS




Similar Part No. - SG6741

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6741 FAIRCHILD-SG6741 Datasheet
307Kb / 8P
   Flyback Power Supply Control
SG6741 FAIRCHILD-SG6741 Datasheet
455Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6741ASZ FAIRCHILD-SG6741ASZ Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6741SY FAIRCHILD-SG6741SY Datasheet
455Kb / 12P
   Highly Integrated Green-Mode PWM Controller
More results


Similar Description - SG6741

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com