Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48H16M16LFBF-8G Datasheet (PDF) - Micron Technology

MT48H16M16LFBF-8G Datasheet PDF - Micron Technology
Part # MT48H16M16LFBF-8G
Download  MT48H16M16LFBF-8G Download

File Size   1812.0 Kbytes
Page   71 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM

MT48H16M16LFBF-8G Datasheet (PDF)

Go To PDF Page Download Datasheet
MT48H16M16LFBF-8G Datasheet PDF - Micron Technology

Part # MT48H16M16LFBF-8G
Download  MT48H16M16LFBF-8G Click to download

File Size   1812.0 Kbytes
Page   71 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM

MT48H16M16LFBF-8G Datasheet (HTML) - Micron Technology

Back Button MT48H16M16LFBF-8G Datasheet HTML 1Page - Micron Technology MT48H16M16LFBF-8G Datasheet HTML 2Page - Micron Technology MT48H16M16LFBF-8G Datasheet HTML 3Page - Micron Technology MT48H16M16LFBF-8G Datasheet HTML 4Page - Micron Technology MT48H16M16LFBF-8G Datasheet HTML 5Page - Micron Technology MT48H16M16LFBF-8G Datasheet HTML 6Page - Micron Technology MT48H16M16LFBF-8G Datasheet HTML 7Page - Micron Technology MT48H16M16LFBF-8G Datasheet HTML 8Page - Micron Technology MT48H16M16LFBF-8G Datasheet HTML 9Page - Micron Technology MT48H16M16LFBF-8G Datasheet HTML 10Page - Micron Technology Next Button 

MT48H16M16LFBF-8G Product details

General Description

The Micron® 256Mb Mobile SDRAM is a high-speed CMOS, dynamic random-access memory containing 268,435,456-bits. It is internally configured as a quad-bank DRAM with a synchronous interface (all signals are registered on the positive edge of the clock signal, CLK). Each of the x16’s 67,108,864-bit banks is organized as 8,192 rows by 512 columns by 16 bits. Each of the x32’s 67,108,864-bit banks is organized as 4,096 rows by 512 columns by 32 bits.



Features

• Fully synchronous; all signals registered on positive edge of system clock

• VDD/VDDQ = 1.70–1.95V

• Internal, pipelined operation; column address can be changed every clock cycle

• Four internal banks for concurrent operation

• Programmable burst lengths: 1, 2, 4, 8, or continuous page1

• Auto precharge, includes concurrent auto precharge

• Auto refresh and self refresh modes

• LVTTL-compatible inputs and outputs

• On-chip temperature sensor to control refresh rate

• Partial-array self refresh (PASR)

• Deep power-down (DPD)

• Selectable output drive (DS)

• 64ms refresh period (8,192 rows)



 




Similar Part No. - MT48H16M16LFBF-8G

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H16M16LFFG MICRON-MT48H16M16LFFG Datasheet
1Mb / 58P
   MOBILE SDRAM
More results


Similar Description - MT48H16M16LFBF-8G

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H32M16LF MICRON-MT48H32M16LF Datasheet
2Mb / 73P
   512Mb: 32 Meg x 16, 16 Meg x 32 Mobile SDRAM
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EITC MICRON-MT47H128M16RT-25EITC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H128M16RT-25EC MICRON-MT47H128M16RT-25EC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H64M16HR-25H MICRON-MT47H64M16HR-25H Datasheet
1Mb / 132P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT41J128M16JT-125K MICRON-MT41J128M16JT-125K Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks
MT41J128M16HA-15EDTR MICRON-MT41J128M16HA-15EDTR Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT41J128M16HA-15ED MICRON-MT41J128M16HA-15ED Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com