Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1706223 Datasheet (PDF) - PHOENIX CONTACT

1706223 Datasheet PDF - PHOENIX CONTACT
Part # 1706223
Download  1706223 Download

File Size   496.33 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 0,5/ 4-G-2,54 P20THRR24C1 - PCB header

1706223 Datasheet (PDF)

Go To PDF Page Download Datasheet
1706223 Datasheet PDF - PHOENIX CONTACT

Part # 1706223
Download  1706223 Click to download

File Size   496.33 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 0,5/ 4-G-2,54 P20THRR24C1 - PCB header

1706223 Datasheet (HTML) - PHOENIX CONTACT


1706223 Product details

PCB headers, nominal cross section: 0.5 mm2, color: black, nominal current: 6 A, rated voltage
(III/2): 160 V, contact surface: Au, contact connection type: Pin, number of potentials: 4, number
of rows: 1, number of positions: 4, number of connections: 4, product range: MC 0,5/..-G-THR,
pitch: 2.54 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder pin
[P]: 2 mm, number of solder pins per potential: 1, plug-in system: COMBICON FMC 0,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging: 24
mm wide tape, Fixed coding of the first position, can be combined with the FMC 0,5/...-ST-2,54
C1 connector

Your advantages
• Designed for integration into the SMT soldering process
• Additional solder anchors reduce the mechanical strain on the soldering spots
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Supplied in tape-on-reel packing according to IEC 60286-3 for automated mounting




Similar Part No. - 1706223

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
170622 OSA-170622 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
logo
PHOENIX CONTACT
1706220 PHOENIX-1706220 Datasheet
44Kb / 1P
   MC 0,5/ 6-G-2,54 P20THRR44C1
1706221 PHOENIX-1706221 Datasheet
152Kb / 7P
   Printed-circuit board connector - MC 0,5/ 5-G-2,54 P20THRR44C1
1706222 PHOENIX-1706222 Datasheet
141Kb / 5P
   PCB terminal block - IDC 0,3/ 7-3,81
1706225 PHOENIX-1706225 Datasheet
44Kb / 1P
   MC 0,5/ 2-G-2,54 P20THRR24C1
More results


Similar Description - 1706223

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706225 PHOENIX-1706225 Datasheet
44Kb / 1P
   MC 0,5/ 2-G-2,54 P20THRR24C1
1706217 PHOENIX-1706217 Datasheet
535Kb / 11P
   MC 0,5/ 8-G-2,54 P20THRR44C1 - PCB header
1706187 PHOENIX-1706187 Datasheet
45Kb / 1P
   MCV 0,5/ 2-G-2,54 P20THRR24C1
1821834 PHOENIX-1821834 Datasheet
459Kb / 12P
   MC 0,5/16-G-2,54 SMD R72 - PCB header
1706166 PHOENIX-1706166 Datasheet
442Kb / 11P
   MCV 0,5/ 4-G-2,54 P20THRR24C2 - PCB header
1706220 PHOENIX-1706220 Datasheet
44Kb / 1P
   MC 0,5/ 6-G-2,54 P20THRR44C1
1706211 PHOENIX-1706211 Datasheet
44Kb / 1P
   MC 0,5/13-G-2,54 P20THRR56C1
1706214 PHOENIX-1706214 Datasheet
44Kb / 1P
   MC 0,5/10-G-2,54 P20THRR44C1
1706200 PHOENIX-1706200 Datasheet
45Kb / 1P
   MC 0,5/ 7-G-2,54 P20THRR44C2
1706198 PHOENIX-1706198 Datasheet
45Kb / 1P
   MC 0,5/ 9-G-2,54 P20THRR44C2
1706193 PHOENIX-1706193 Datasheet
45Kb / 1P
   MC 0,5/13-G-2,54 P20THRR56C2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com