Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STD6528S Datasheet (PDF) - AUK corp

STD6528S Datasheet PDF - AUK corp
Part No. STD6528S
Download  STD6528S Click to view

File Size   301.33 Kbytes
Page   4 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description NPN Silicon Transistor

STD6528S Datasheet (PDF)

Go To PDF Page Download Datasheet
STD6528S Datasheet PDF - AUK corp

Part No. STD6528S
Download  STD6528S Click to view

File Size   301.33 Kbytes
Page   4 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description NPN Silicon Transistor

STD6528S Datasheet (HTML) - AUK corp

STD6528S Datasheet HTML 1Page - AUK corp STD6528S Datasheet HTML 2Page - AUK corp STD6528S Datasheet HTML 3Page - AUK corp STD6528S Datasheet HTML 4Page - AUK corp

STD6528S Product details

Application
• Micom Direct drive and switching Application

Features
• Very low saturation voltage: VCE(sat)=0.2V (Max.) @ IC=50mA, IB=5mA
• High DC current gain: hFE=1000~2500



Similar Part No. - STD6528S

ManufacturerPart No.DatasheetDescription
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
STD6528S KODENSHI-STD6528S Datasheet
305Kb / 4P
   NPN Silicon Transistor
More results

Similar Description - STD6528S

ManufacturerPart No.DatasheetDescription
AUK corp
AUK corp
SBT2222AF AUK-SBT2222AF_1 Datasheet
192Kb / 4P
   NPN Silicon Transistor
SBT2222AUF AUK-SBT2222AUF_1 Datasheet
169Kb / 3P
   NPN Silicon Transistor
STC917UF AUK-STC917UF Datasheet
279Kb / 11P
   NPN Silicon Transistor
STC918E AUK-STC918E Datasheet
279Kb / 11P
   NPN Silicon Transistor
STC4350F AUK-STC4350F Datasheet
296Kb / 4P
   NPN Silicon Transistor
STS9018 AUK-STS9018 Datasheet
119Kb / 4P
   NPN Silicon Transistor
Semicoa Semiconductor
Semicoa Semiconductor
2N5004 SEMICOA-2N5004_02 Datasheet
203Kb / 2P
   Silicon NPN Transistor
2N5109 SEMICOA-2N5109_02 Datasheet
199Kb / 2P
   Silicon NPN Transistor
2N5109UB SEMICOA-2N5109UB_02 Datasheet
234Kb / 2P
   Silicon NPN Transistor
2N5660 SEMICOA-2N5660 Datasheet
204Kb / 2P
   Silicon NPN Transistor
More results

Datasheet Page

1  2  3  4 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz