Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91220 Datasheet (PDF) - Fujitsu Component Limited.

MB91220 Datasheet PDF - Fujitsu Component Limited.
Part # MB91220
Download  MB91220 Download

File Size   943.65 Kbytes
Page   88 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 32-bit Microcontroller

MB91220 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB91220 Datasheet PDF - Fujitsu Component Limited.

Part # MB91220
Download  MB91220 Click to download

File Size   943.65 Kbytes
Page   88 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 32-bit Microcontroller

MB91220 Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB91220 Datasheet HTML 1Page - Fujitsu Component Limited. MB91220 Datasheet HTML 2Page - Fujitsu Component Limited. MB91220 Datasheet HTML 3Page - Fujitsu Component Limited. MB91220 Datasheet HTML 4Page - Fujitsu Component Limited. MB91220 Datasheet HTML 5Page - Fujitsu Component Limited. MB91220 Datasheet HTML 6Page - Fujitsu Component Limited. MB91220 Datasheet HTML 7Page - Fujitsu Component Limited. MB91220 Datasheet HTML 8Page - Fujitsu Component Limited. MB91220 Datasheet HTML 9Page - Fujitsu Component Limited. MB91220 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB91220 Product details

■ OVERVIEW

MB91220/S series is a line of single-chip microcontrollers based on a 32-bit high-performance RISC CPU and integrating a variety of I/O resources for embedded control applications.

The MB91220/S series is designed to be best suited for embedded applications which require high-speed and high-performance processing power in the CPU, such as DVD players, printers, TV sets, and the PDP control.The MB91220/S series is a line of CPUs in the FR60Lite implemented by FR* family.



■ FEATURES

• FR60Lite CPU

   • 32-bit RISC, load/store architecture, 5-stage pipeline

   • Maximum operating frequency : 32 MHz (Source oscillation is 4 MHz with x8 multiplier-PLL clock multiplier system)

   • 16-bit fixed-length instructions (basic instructions)

   • Instruction execution speed : 1 instruction per cycle

   • Instruction set optimized for embedded application : Memory-to-memory transfer, bit manipulation, barrel shift instructions etc.

   • Instructions supported by C language : Function entry/exit instructions, multiple-register load/store instructions.

   • Register interlock function : Easier assembler coding enabled

   • Built-in multiplier supported at the instruction level

                              Signed 32-bit multiplication : 5 cycles

                              Signed 16-bit multiplication : 3 cycles

   • Interrupt (PC/PS save) : 6 cycles (16 priority levels)

   • Harvard architecture allowing program access and data access to be executed simultaneously.

   • Instruction set compatible with FR family

  

• Internal Peripheral Functions

   • Internal ROM size & ROM type

      Flash Memory : 512 Kbytes (MB91F223/S)

   • Internal RAM size : 16 Kbytes (MB91F223/S) / 64 Kbytes (MB91V220)

   • General-purpose ports : up to 120 ports (including 4 input-only ports)

   • 8/10-bit A/D converter (Sequential comparison type)

      8/10-bit resolution : 24 channels

      Conversion time : 3 µs (16/32 MHz)

      Set the PLL multiplier and the division ratio of peripheral circuit clocks so that the above conversion time is achieved.

      32 MHz : Source oscillation (4 MHz) with ×8 multiplier, divided by 1

      16 MHz : Source oscillation with ×8 multiplier, divided by 2

   • D/A converter (R-2R type)

      8-bit resolution : 2 channels

   • External interrupt : 8 channels

   • Bit search module (for REALOS)

   • LIN-UART (full duplex double buffer type) : 4 channels

      Synchronous/asynchronous clock operations selectable

      Sync-break detection

      Dedicated built-in baud-rate generator

   • I2C Bus interface* : 2 channels

   • Stepping motor controller (SMC) : 4 channels

      10-bit PWM with 4 high-current outputs for each channel

   • 8/16-bit PPG timer : 16 channels

   • 16-bit reload timer : 3 channels

   • 16-bit free-run timer : 2 channels (ICU/OCU linkage)

   • 16-bit pulse width counter : 1 channel

   • Input capture : 4 channels (free-run timers ch.0 and ch.1). ch.0 linked to PWC

   • Output compare : 2 channels (free-run timer ch.0 )

   • LCD controller : SEG0 to SEG31/COM0 to COM3 (shared with port)

   • 16-bit timebase/watch dog timer



  

   • Sound generator : 3 channels

   • Real-time clock

   • 32 kHz sub clock (not supported in devices with an S suffix in the part number)

   • C-CAN : 2 channels

   • Low power consumption modes : sleep mode, stop mode, watch mode

   • Package : LQFP-144 (FPT-144P-M08)

   • CMOS technology : 0.35 µm

   • Power supply voltage : 5 V (Internal logic : 3.3 V, I/O : 5.0 V (step-down circuit used))



 




Similar Part No. - MB91220

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91210 FUJITSU-MB91210 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91213 FUJITSU-MB91213 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91213PMC-GSE1 FUJITSU-MB91213PMC-GSE1 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91233L FUJITSU-MB91233L Datasheet
861Kb / 66P
   32-bit Microcontroller
More results


Similar Description - MB91220

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com