Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THN6301S Datasheet (PDF) - AUK corp

THN6301S Datasheet PDF - AUK corp
Part No. THN6301S
Download  THN6301S Click to view

File Size   221.65 Kbytes
Page   11 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description SiGe NPN Transistor

THN6301S Datasheet (PDF)

Go To PDF Page Download Datasheet
THN6301S Datasheet PDF - AUK corp

Part No. THN6301S
Download  THN6301S Click to view

File Size   221.65 Kbytes
Page   11 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description SiGe NPN Transistor

THN6301S Datasheet (HTML) - AUK corp

Back Button THN6301S Datasheet HTML 1Page - AUK corp THN6301S Datasheet HTML 2Page - AUK corp THN6301S Datasheet HTML 3Page - AUK corp THN6301S Datasheet HTML 4Page - AUK corp THN6301S Datasheet HTML 5Page - AUK corp THN6301S Datasheet HTML 6Page - AUK corp THN6301S Datasheet HTML 7Page - AUK corp THN6301S Datasheet HTML 8Page - AUK corp THN6301S Datasheet HTML 9Page - AUK corp THN6301S Datasheet HTML 10Page - AUK corp Next Button 

THN6301S Product details

□ Features
o Low Noise Figure
   NF = 1.1 dB at f = 1 GHz, VCE = 8 V, IC = 5 mA
o High Power Gain
   MAG =18 dB at f = 1 GHz, VCE = 8 V, IC =15 mA
o High Transition Frequency
   fT = 10 GHz at VCE = 8 V, IC = 15 mA

□ Application
   LNA and wide band amplifier up to GHz range



Similar Part No. - THN6301S

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
THN6301S ETC-THN6301S Datasheet
99Kb / 10P
   NPN Planer RF TRANSISTOR
Tachyonics CO,. LTD
Tachyonics CO,. LTD
THN6301S TACHYONICS-THN6301S Datasheet
206Kb / 11P
   NPN SiGe RF TRANSISTOR
More results

Similar Description - THN6301S

ManufacturerPart No.DatasheetDescription
AUK corp
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6201S AUK-THN6201S Datasheet
252Kb / 13P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN6501F AUK-THN6501F Datasheet
189Kb / 11P
   SiGe NPN Transistor
THN4201U AUK-THN4201U Datasheet
239Kb / 12P
   SiGe NPN Transistor
THN405Z AUK-THN405Z Datasheet
178Kb / 5P
   SiGe NPN Transistor
THN5702F AUK-THN5702F Datasheet
257Kb / 8P
   SiGe NPN Transistor
THN4501U AUK-THN4501U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN420Z AUK-THN420Z Datasheet
245Kb / 5P
   SiGe NPN Transistor
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz