Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THN4301U Datasheet (PDF) - AUK corp

THN4301U Datasheet PDF - AUK corp
Part No. THN4301U
Download  THN4301U Click to view

File Size   257.85 Kbytes
Page   15 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description SiGe NPN Transistor

THN4301U Datasheet (PDF)

Go To PDF Page Download Datasheet
THN4301U Datasheet PDF - AUK corp

Part No. THN4301U
Download  THN4301U Click to view

File Size   257.85 Kbytes
Page   15 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description SiGe NPN Transistor

THN4301U Datasheet (HTML) - AUK corp

Back Button THN4301U Datasheet HTML 1Page - AUK corp THN4301U Datasheet HTML 2Page - AUK corp THN4301U Datasheet HTML 3Page - AUK corp THN4301U Datasheet HTML 4Page - AUK corp THN4301U Datasheet HTML 5Page - AUK corp THN4301U Datasheet HTML 6Page - AUK corp THN4301U Datasheet HTML 7Page - AUK corp THN4301U Datasheet HTML 8Page - AUK corp THN4301U Datasheet HTML 9Page - AUK corp THN4301U Datasheet HTML 10Page - AUK corp Next Button 

THN4301U Product details

□ Features
o Low Noise Figure
   NF = 1.5dB at f = 2 GHz, VCE = 3 V, IC = 5 mA
   NF = 1.7dB at f = 2 GHz, VCE = 1 V, IC = 3 mA
o High Gain
   MAG = 12.3 dB at f = 2 GHz, VCE = 3 V, IC = 25 mA
   MAG = 12.0 dB at f = 2 GHz, VCE = 1 V, IC = 5 mA
o High Transition Frequency
   fT = 15 GHz at f = 2 GHz, VCE = 3 V, IC = 25 mA

□ Application
   LNA and wide band amplifier up to GHz range



Similar Part No. - THN4301U

ManufacturerPart No.DatasheetDescription
AUK corp
AUK corp
THN405Z AUK-THN405Z Datasheet
178Kb / 5P
   SiGe NPN Transistor
Tachyonics CO,. LTD
Tachyonics CO,. LTD
THN4201 TACHYONICS-THN4201 Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
THN4201E TACHYONICS-THN4201E Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
AUK corp
AUK corp
THN4201E AUK-THN4201E Datasheet
239Kb / 12P
   SiGe NPN Transistor
Tachyonics CO,. LTD
Tachyonics CO,. LTD
THN4201KF TACHYONICS-THN4201KF Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
More results

Similar Description - THN4301U

ManufacturerPart No.DatasheetDescription
AUK corp
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6201S AUK-THN6201S Datasheet
252Kb / 13P
   SiGe NPN Transistor
THN6301S AUK-THN6301S Datasheet
221Kb / 11P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN6501F AUK-THN6501F Datasheet
189Kb / 11P
   SiGe NPN Transistor
THN4201U AUK-THN4201U Datasheet
239Kb / 12P
   SiGe NPN Transistor
THN405Z AUK-THN405Z Datasheet
178Kb / 5P
   SiGe NPN Transistor
THN5702F AUK-THN5702F Datasheet
257Kb / 8P
   SiGe NPN Transistor
THN4501U AUK-THN4501U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN420Z AUK-THN420Z Datasheet
245Kb / 5P
   SiGe NPN Transistor
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz