Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1303M0510DWV Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AMC1303M0510DWV Datasheet PDF - Texas Instruments
Part # AMC1303M0510DWV
Download  AMC1303M0510DWV Download
File Size   1756.25 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC1303x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With Internal Clock

AMC1303M0510DWV Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1303M0510DWV Datasheet PDF - Texas Instruments

Part # AMC1303M0510DWV
Download  AMC1303M0510DWV Click to download

File Size   1756.25 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC1303x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With Internal Clock

AMC1303M0510DWV Datasheet (HTML) - Texas Instruments


AMC1303M0510DWV Product details

1 Features
• Pin-compatible family optimized for shunt-resistorbased
current measurements:
– ±50mV or ±250mV input voltage ranges
– Manchester-coded or uncoded bitstream
options
– 10MHz and 20MHz clock options
• Excellent DC performance:
– Offset error: ±50μV or ±100μV (max)
– Offset drift: ±1μV/°C (max)
– Gain error: ±0.2% (max)
– Gain drift: ±40ppm/°C (max)
• Transient immunity: 100kV/μs (typ)
• System-level diagnostic features
• Safety-related certifications:
– 7000VPK reinforced isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 5000VRMS isolation for 1 minute per UL1577
– CAN/CSA no. 5A-component acceptance
service notice and IEC 62368-1 end equipment
standard
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• Shunt-resistor-based current sensing and isolated
voltage measurement in:
– Industrial motor drives
– Photovoltaic inverters
– Uninterruptible and isolated power supplies
– Power factor correction circuits

3 Description
The AMC1303 (AMC1303x0510, AMC1303x0520,
AMC1303x2510, and AMC1303x2520) is a family
of precision, isolated delta-sigma (ΔΣ) modulators.
The output is separated from the input circuitry by
a capacitive isolation barrier that is highly resistant
to magnetic interference. This barrier is certified
to provide reinforced isolation of up to 7000VPK
according to the DIN EN IEC 60747-17 (VDE
0884-17) and UL1577 standards, and supports a
working voltage up to 1.5kVRMS
The input of the AMC1303 device is optimized
for direct connection to shunt resistors or other,
low-impedance signal sources. The small size,
high DC accuracy, low temperature drift, and high
common-mode transient immunity (CMTI) support
accurate isolated current sensing in noisy highvoltage
applications.
The output bitstream of the AMC1303 is synchronized
to the internally generated clock and is Manchester
coded (AMC1303Ex) or uncoded (AMC1303Mx).
Combined with a digital low-pass filter (such as a
Sinc-filter) the device achieves 85dB of dynamic
range at an effective output data rate of 78kSPS.




Similar Part No. - AMC1303M0510DWV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1303M0510DWV TI1-AMC1303M0510DWV Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1303M0510DWV TI-AMC1303M0510DWV Datasheet
1Mb / 44P
AMC1303x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With Internal Clock
OCTOBER 2024
AMC1303M0510DWVR TI1-AMC1303M0510DWVR Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1303M0510DWVR TI-AMC1303M0510DWVR Datasheet
1Mb / 44P
AMC1303x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With Internal Clock
OCTOBER 2024
More results


Similar Description - AMC1303M0510DWV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com