Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1605PT Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

SF1605PT Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # SF1605PT
Download  SF1605PT Download

File Size   347.86 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 16.0 AMPS. Glass Passivated Super Fast Rectifiers

SF1605PT Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1605PT Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # SF1605PT
Download  SF1605PT Click to download

File Size   347.86 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 16.0 AMPS. Glass Passivated Super Fast Rectifiers

SF1605PT Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

SF1605PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF1605PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd

SF1605PT Product details

Features

◇ UL Recognized File # E-326243

◇ Dual rectifier construction, positive center-tap

◇ Plastic package has Underwriters Laboratory

    Flammability Classifications 94V-0

◇ Glass passivated chip junctions

◇ Superfast recovery time, high voltage

◇ Low forward voltage, high current capability

◇ Low thermal resistance

◇ Low power loss, high efficency

◇ High temperature soldering guaranteed: 260°C / 10 seconds

◇ Green compound with suffix "G" on packing code & prefix "G" on datecode.



 




Similar Part No. - SF1605PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF1605PT WTE-SF1605PT Datasheet
45Kb / 3P
   16A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF1605PT TSC-SF1605PT Datasheet
112Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1605PT TSC-SF1605PT Datasheet
625Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1605PT TSC-SF1605PT Datasheet
412Kb / 3P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
More results


Similar Description - SF1605PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF1601PT TSC-SF1601PT_1 Datasheet
112Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA1601G TSC-SFA1601G_1 Datasheet
263Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA1601G TSC-SFA1601G Datasheet
56Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601PT TSC-SF1601PT_10 Datasheet
625Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFS1601G TSC-SFS1601G Datasheet
84Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G Datasheet
344Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G_10 Datasheet
610Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1601G TSC-SFAF1601G_1 Datasheet
269Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1601G TSC-SFF1601G_1 Datasheet
331Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1601G TSC-SFAF1601G Datasheet
83Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com