Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C386A Datasheet (PDF) - RICOH electronics devices division

RV5C386A Datasheet PDF - RICOH electronics devices division
Part No. RV5C386A
Download  RV5C386A Click to view

File Size   377.19 Kbytes
Page   49 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION

RV5C386A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV5C386A Datasheet PDF - RICOH electronics devices division

Part No. RV5C386A
Download  RV5C386A Click to view

File Size   377.19 Kbytes
Page   49 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION

RV5C386A Datasheet (HTML) - RICOH electronics devices division

Back Button RV5C386A Datasheet HTML 1Page - RICOH electronics devices division RV5C386A Datasheet HTML 2Page - RICOH electronics devices division RV5C386A Datasheet HTML 3Page - RICOH electronics devices division RV5C386A Datasheet HTML 4Page - RICOH electronics devices division RV5C386A Datasheet HTML 5Page - RICOH electronics devices division RV5C386A Datasheet HTML 6Page - RICOH electronics devices division RV5C386A Datasheet HTML 7Page - RICOH electronics devices division RV5C386A Datasheet HTML 8Page - RICOH electronics devices division RV5C386A Datasheet HTML 9Page - RICOH electronics devices division RV5C386A Datasheet HTML 10Page - RICOH electronics devices division Next Button 

RV5C386A Product details

OUTLINE
The RV5C386A is a CMOS real-time clock IC connected to the CPU by two signal lines, SCL and SDA, and configured to perform serial transmission of time and calendar data to the CPU. The periodic interrupt circuit is configured to generate interrupt signals with six selectable interrupts ranging from 0.5 seconds to 1 month. The 2 alarm circuits generate interrupt signals at preset times. The oscillation circuit is driven under constant voltage so that fluctuations in oscillation frequency due to voltage are small and supply current is also small (TYP. 0.35µA at 3 volts).

FEATURES
• Timekeeping supply voltage ranging from 1.45 to 5.5 volts
• Low supply current: TYP. 0.35µA (MAX. 0.8µA) at 3 volts
• Only two signal lines (SCL, SDA) required for connection to the CPU. (I2C bus compatible, 400kHz at VDD≥2.5V, address 7bits)
• Time counters (counting hours, minutes, and seconds) and calendar counters (counting years, months, days, and weeks) (in BCD format)
• 1900/2000 identification bit for Year 2000 compliance
• Interrupt circuit configured to generate interrupt signals (with interrupts ranging from 0.5 seconds to 1 month) to the CPU and provided with an interrupt flag and an interrupt halt circuit
• 2 alarm circuits (Alarm_W for week, hour, and minute alarm settings and Alarm_D for hour and minute alarm settings)
• 32-kHz clock circuit (CMOS output, equipped with a control pin)
• Oscillation halt sensing circuit which can be used to judge the validity of internal data
• Supply voltage monitoring circuit with two supply voltage monitoring threshold settings
• Automatic identification of leap years up to the year 2099
• Selectable 12-hour and 24-hour mode settings
• Built-in oscillation stabilization capacitors (CG and CD)
• High precision oscillation adjustment circuit
• CMOS process
• Ultra-compact 10-pin SSOP-G(with a height of 1.20mm and size 4.0mm×2.9mm)

APPLICATIONS
• Communication devices (multi function phone, portable phone, PHS or pager)
• OA devices (fax, portable fax)
• Computer (desk-top and mobile PC, portable word-processor, PDA, electric note or video game)
• AV components (portable audio unit, video camera,camera, digital camera or remote controller)
• Home appliances (rice cooker, electric oven)
• Other (car navigation system, multi-function watch)



Similar Part No. - RV5C386A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A-E2 RICOH-RV5C386A-E2 Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
More results

Similar Description - RV5C386A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RICOH electronics devices division
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
More results





Datasheet Page


1   2   3   4   5   6   7   8   9   10   11   12   13   14   15   16   17   18   19   20   21   22   23   24   25   26   27   28   29   30   31   32   33   34   35   36   37   38   39   40   41   42   43   44   45   46   47   48   49  


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz