Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS11016 Datasheet (PDF) - Mitsubishi Electric Semiconductor

PS11016 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # PS11016
Download  PS11016 Download

File Size   415.19 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description Acoustic noise-less 2.2kW/AC200V class 3 phase inverter and other motor control applications

PS11016 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS11016 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # PS11016
Download  PS11016 Click to download

File Size   415.19 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description Acoustic noise-less 2.2kW/AC200V class 3 phase inverter and other motor control applications

PS11016 Datasheet (HTML) - Mitsubishi Electric Semiconductor

PS11016 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS11016 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS11016 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS11016 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS11016 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS11016 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor

PS11016 Product details

INTEGRATED FUNCTIONS AND FEATURES
• 3-phase IGBT inverter bridge configured by the latest 3rd. generation IGBT and diode technologies.
• Circuit for dynamic braking of motor regenerative energy.

INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS:
• For P-Side IGBTs : Drive circuit, High voltage isolated high-speed level shifting, Short-circuit protection (SC), Bootstrap circuit supply scheme (Single drive-power-supply) and Under voltage protection (UV).
• For N-Side IGBTs : Drive circuit, Short circuit protection (SC), Control-supply Under voltage and Over voltage protection (OV/UV), System Over-temperature protection (OT), Fault output (FO) signaling circuit, and Current-Limit warning signal output (CL)
• For Brake circuit IGBT : Drive circuit
• Warning and Fault signaling :
   FO1 : Short circuit protection for lower-leg IGBTs and Input interlocking against spurious arm shoot-through.
   FO2 : N-side control supply abnormality locking (OV/UV)
   FO3 : System over-temperature protection (OT).
   CL : Warning for inverter current overload condition
• For system feedback control : Analogue signal feedback reproducing actual inverter phase current (3φ).
• Input Interface : 5V CMOS/TTL compatible, Schmitt trigger input, and Arm-Shoot-Through interlock protection.

APPLICATION
   Acoustic noise-less 2.2kW/AC200V class 3 phase inverter and other motor control applications.




Similar Part No. - PS11016

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS11016 POWEREX-PS11016 Datasheet
408Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
logo
List of Unclassifed Man...
PS11016 ETC1-PS11016 Datasheet
254Kb / 3P
   Patch Lead - CAT 5E
More results


Similar Description - PS11016

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS11015 MITSUBISHI-PS11015 Datasheet
413Kb / 6P
   Acoustic noise-less 1.5kW/AC200V class 3 phase inverter and other motor control applications
PS11017 MITSUBISHI-PS11017 Datasheet
411Kb / 6P
   Acoustic noise-less 3.7kW/AC200V class 3 phase inverter and other motor control applications
PS12015-A MITSUBISHI-PS12015-A Datasheet
273Kb / 6P
   Acoustic noise-less 1.5kW/AC400V Class 3 Phase inverter and other motor control applications
PS12017-A MITSUBISHI-PS12017-A Datasheet
402Kb / 6P
   Acoustic noise-less 3.0kW/AC400V Class 3 Phase inverter and other motor control applications
PS12014-A MITSUBISHI-PS12014-A Datasheet
399Kb / 6P
   Acoustic noise-less 0.75kW/AC400V Class 3 Phase inverter and other motor control applications
PS12012-A MITSUBISHI-PS12012-A Datasheet
400Kb / 6P
   Acoustic noise-less 0.2kW/AC400V Class 3 Phase inverter and other motor control applications
PS12013-A MITSUBISHI-PS12013-A Datasheet
394Kb / 6P
   Acoustic noise-less 0.4kW/AC400V Class 3 Phase inverter and other motor control applications
PS12036 MITSUBISHI-PS12036 Datasheet
75Kb / 5P
   Acoustic noise-less 2.2kW/400V AC Class 3 phase inverters, motor control
PS11036 MITSUBISHI-PS11036 Datasheet
98Kb / 5P
   Acoustic noise-less 2.2kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12038 MITSUBISHI-PS12038 Datasheet
75Kb / 5P
   Acoustic noise-less 3.7kW/400V AC Class 3 phase inverters, motor control applications
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com