Description: The OPF670 series fiber optic transmitters are high performance devices packaged for data communication links. These transmitters are an 850 nm GaAlAs LED and are specifically designed to efficiently launch optical power into either 50/125µm or 62.5/125µm diameter multimode fiber. Three power ranges are offered, which allows the designer to select a device best suited for the application. The OPF670 is offered a low cost TO package with a plastic lens cap. The device is designed to be active aligned into a connector receptacle. Features: • Low cost 850 nm LED technology • Low cost TO package with electrically isolated plastic cap • High thermal stability • High optical coupling efficiency to multimode fiber • Industrial temperature range Applications: • Industrial Ethernet equipment • Copper-to-fiber media conversion • Intra-system fiber optic links • Video surveillance systems
|