Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA75520K Datasheet (PDF) - Sanyo Semicon Device

LA75520K Datasheet PDF - Sanyo Semicon Device
Part No. LA75520K
Download  LA75520K Click to view

File Size   139.77 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs

LA75520K Datasheet (PDF)

Go To PDF Page Download Datasheet
LA75520K Datasheet PDF - Sanyo Semicon Device

Part No. LA75520K
Download  LA75520K Click to view

File Size   139.77 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs

LA75520K Datasheet (HTML) - Sanyo Semicon Device

Back Button LA75520K Datasheet HTML 1Page - Sanyo Semicon Device LA75520K Datasheet HTML 2Page - Sanyo Semicon Device LA75520K Datasheet HTML 3Page - Sanyo Semicon Device LA75520K Datasheet HTML 4Page - Sanyo Semicon Device LA75520K Datasheet HTML 5Page - Sanyo Semicon Device LA75520K Datasheet HTML 6Page - Sanyo Semicon Device LA75520K Datasheet HTML 7Page - Sanyo Semicon Device LA75520K Datasheet HTML 8Page - Sanyo Semicon Device LA75520K Datasheet HTML 9Page - Sanyo Semicon Device LA75520K Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LA75520K Product details

Overview

The LA75520K is a fully adjustment-free VIF + SIF signal processing IC for TV sets and VTRs that supports the PAL video standard. It supports 38.0MHz, 38.9MHz, and 39.5MHz as the IF frequencies, as well as PAL sound multi-system (M/N, B/G, I and D/K), and contains an on-chip sound carrier trap. The IC employs a 4MHz frequency (which can be switched to 4.43MHz) as the reference frequency of the adjustment free circuit, and controls the VCO, AFT, and sound filter using an external input signal.



Features

• Internal VCO adjustment free circuit eliminating the need for an external VCO coil.

• Internal sound carrier trap enables easy configuration of PAL sound multi-system at low cost.

• Considerably reduces the number of required peripheral parts.

• Use of digital AFT eliminates a problem of AFT tolerance.

• Package: DIP24S (300mil)



Functions

• VIF amplifier

• Adjustment-free VCO and PLL detector circuit

• Digital AFT circuit

• RF AGC

• Buzz canceller

• EQAMP

• Internal sound carrier trap

• First SIF detector circuit

• PLL-FM detector circuit



 



Similar Part No. - LA75520K

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75520KVA SANYO-LA75520KVA Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
More results

Similar Description - LA75520K

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75520KVA SANYO-LA75520KVA Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75521VA SANYO-LA75521VA Datasheet
196Kb / 13P
   IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz