Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1347G-133AXI Datasheet (PDF) - Cypress Semiconductor

CY7C1347G-133AXI Datasheet PDF - Cypress Semiconductor
Part # CY7C1347G-133AXI
Download  CY7C1347G-133AXI Download
File Size   1021.52 Kbytes
Page   21 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (128K x 36) Pipelined Sync SRAM

CY7C1347G-133AXI Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1347G-133AXI Datasheet PDF - Cypress Semiconductor

Part # CY7C1347G-133AXI
Download  CY7C1347G-133AXI Click to download

File Size   1021.52 Kbytes
Page   21 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (128K x 36) Pipelined Sync SRAM

CY7C1347G-133AXI Datasheet (HTML) - Cypress Semiconductor


CY7C1347G-133AXI Product details

Functional Description

The CY7C1347G is a 3.3V, 128K x 36 synchronous-pipelined SRAM designed to support zero-wait-state secondary cache with minimal glue logic. CY7C1347G IO pins can operate at either the 2.5V or the 3.3V level; the IO pins are 3.3V tolerant when VDDQ = 2.5V. All synchronous inputs pass through input registers controlled by the rising edge of the clock. All data outputs pass through output registers controlled by the rising edge of the clock. Maximum access delay from the clock rise is 2.6 ns (250 MHz device). CY7C1347G supports either the interleaved burst sequence used by the Intel Pentium processor or a linear burst sequence used by processors such as the PowerPC®. The burst sequence is selected through the MODE pin.



Features

• Fully registered inputs and outputs for pipelined operation

• 128K x 36 common IO architecture

• 3.3V core power supply (VDD)

• 2.5V/3.3V I/O power supply (VDDQ)

• Fast clock-to-output times

— 2.6 ns (for 250-MHz device)

• User-selectable burst counter supporting Intel® Pentium® interleaved or linear burst sequences

• Separate processor and controller address strobes

• Synchronous self-timed writes

• Asynchronous output enable

• Offered in lead-free 100-Pin TQFP, lead-free and non lead-free 119-Ball BGA package and 165-Ball FBGA package

• “ZZ” sleep mode option and stop clock option

• Available in industrial and commercial temperature ranges




Similar Part No. - CY7C1347G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347G-133AXC CYPRESS-CY7C1347G-133AXC Datasheet
808Kb / 24P
4-Mbit (128 K x 36) Pipelined Sync SRAM Asynchronous output enable
CY7C1347G-133AXC CYPRESS-CY7C1347G-133AXC Datasheet
538Kb / 25P
4-Mbit (128 K 횞 36) Pipelined Sync SRAM
CY7C1347G-133AXC CYPRESS-CY7C1347G-133AXC Datasheet
567Kb / 26P
4-Mbit (128 K x 36) Pipelined Sync SRAM
More results


Similar Description - CY7C1347G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
4-Mbit (128K x 36) Pipelined DCD Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1326H CYPRESS-CY7C1326H Datasheet
678Kb / 15P
2-Mbit (128K x 18) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G_13 Datasheet
567Kb / 26P
4-Mbit (128 K x 36) Pipelined Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
4-Mbit (128K x 36) Flow Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G Datasheet
331Kb / 17P
4-Mbit (128K x 36) Flow-Through Sync SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com